Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4723YMME Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4723YMME
Description  3A 2MHz Integrated Switch Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4723YMME Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4723YMME Datasheet HTML 7Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 8Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 9Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 10Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 11Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 12Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 13Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 14Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micrel, Inc.
MIC4723
June 2008
11
M9999-060308-E
losses on the Schottky diode.
Inductor conduction losses (PL) can be calculated by
multiplying the DC resistance (DCR) times the square of
the output current;
2
OUT
L
I
DCR
P
×
=
Also, be aware that there are additional core losses
associated with switching current in an inductor. Since
most inductor manufacturers do not give data on the
type of material used, approximating core losses
becomes very difficult, so verify inductor temperature
rise.
Switching losses occur twice each cycle, when the
switch turns on and when the switch turns off. This is
caused by a non-ideal world where switching transitions
are not instantaneous, and neither are currents. Figure 6
demonstrates
how
switching
losses
due
to
the
transitions dissipate power in the switch.
Figure 6. Switching Transition Losses
Normally, when the switch is on, the voltage across the
switch is low (virtually zero) and the current through the
switch is high. This equates to low power dissipation.
When the switch is off, voltage across the switch is high
and the current is zero, again with power dissipation
being low. During the transitions, the voltage across the
switch (VS-D) and the current through the switch (IS-D) are
at middle, causing the transition to be the highest
instantaneous power point. During continuous mode,
these losses are the highest. Also, with higher load
currents, these losses are higher. For discontinuous
operation, the transition losses only occur during the “off”
transition since the “on” transitions there is no current
flow through the inductor.


Similar Part No. - MIC4723YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
More results

Similar Description - MIC4723YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com