Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4723YML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4723YML
Description  3A 2MHz Integrated Switch Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4723YML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4723YML Datasheet HTML 6Page - Micrel Semiconductor MIC4723YML Datasheet HTML 7Page - Micrel Semiconductor MIC4723YML Datasheet HTML 8Page - Micrel Semiconductor MIC4723YML Datasheet HTML 9Page - Micrel Semiconductor MIC4723YML Datasheet HTML 10Page - Micrel Semiconductor MIC4723YML Datasheet HTML 11Page - Micrel Semiconductor MIC4723YML Datasheet HTML 12Page - Micrel Semiconductor MIC4723YML Datasheet HTML 13Page - Micrel Semiconductor MIC4723YML Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel, Inc.
MIC4723
June 2008
10
M9999-060308-E
()
L
V
V
D
OUT +
The total off time can be calculated as;
2.0MHz
D
1
TOFF
=
Figure 4. Off-Time
Discontinuous Operation
Discontinuous operation is when the inductor current
discharges to zero during the off cycle. Figure 5
demonstrates the switch voltage and inductor currents
during discontinuous operation.
Figure 5. Discontinuous Operation
When
the
inductor
current
(IL)
has
completely
discharged, the voltage on the switch node rings at the
frequency determined by the parasitic capacitance and
the inductor value. In Figure 5, it is drawn as a DC
voltage, but to see actual operation (with ringing) refer to
the functional characteristics.
Discontinuous mode of operation has the advantage
over full PWM in that at light loads, the MIC4723 will skip
pulses as nessasary, reducing gate drive losses,
drastically improving light load efficiency.
Efficiency Considerations
Calculating the efficiency is as simple as measuring
power out and dividing it by the power in;
100
P
P
Efficiency
IN
OUT ×
=
Where input power (PIN) is;
IN
IN
IN
I
V
P
×
=
and output power (POUT) is calculated as;
OUT
OUT
OUT
I
V
P
×
=
The Efficiency of the MIC4723 is determined by several
factors.
Rdson (Internal P-channel Resistance)
Diode conduction losses
Inductor Conduction losses
Switching losses
Rdson losses are caused by the current flowing through
the high side P-channel MOSFET. The amount of power
loss can be approximated by;
D
I
R
P
2
OUT
DSON
SW
×
×
=
Where D is the duty cycle.
Since
the
MIC4723
uses
an
internal
P-channel
MOSFET, Rdson losses are inversely proportional to
supply voltage. Higher supply voltage yields a higher
gate to source voltage, reducing the Rdson, reducing the
MOSFET conduction losses. A graph showing typical
Rdson vs input supply voltage can be found in the typical
characteristics section of this datasheet.
Diode conduction losses occur due to the forward
voltage drop (VF) and the output current. Diode power
losses can be approximated as follows;
()
D
1
I
V
P
OUT
F
D
×
×
=
For this reason, the Schottky diode is the rectifier of
choice. Using the lowest forward voltage drop will help
reduce diode conduction losses, and improve efficiency.
Duty cycle, or the ratio of output voltage to input voltage,
determines whether the dominant factor in conduction
losses will be the internal MOSFET or the Schottky
diode. Higher duty cycles place the power losses on the
high side switch, and lower duty cycles place the power


Similar Part No. - MIC4723YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
More results

Similar Description - MIC4723YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com