Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4685WREV Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4685WREV
Description  3A SPAK SuperSwitcher Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685WREV Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4685WREV Datasheet HTML 1Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 2Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 3Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 4Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 5Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 6Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 7Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 8Page - Micrel Semiconductor MIC4685WREV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC4685
January 2010
3
M9999-012610
Detailed Pin Description
Switch (SW, Pin 6)
The switch pin is tied to the emitter of the main internal
NPN transistor. This pin is biased up to the input voltage,
minus the VSAT, of the main NPN pass element. The
emitter is also driven negative when the output inductor’s
magnetic field collapses at turn-off. During the OFF time,
the SW pin is clamped by the output Schottky diode
typically to a –0.5V.
Ground (GND, Pin 4, Tab)
There are two main areas of concern when it comes to the
ground pin, EMI and ground current. In a buck regulator or
any other non-isolated switching regulator, the output
capacitor(s) and diode(s) ground is referenced back to the
switching regulator’s or controller’s ground pin. Any
resistance between these reference points causes an
offset voltage/IR drop proportional to load current and poor
load regulation. This is why it’s important to keep the
output grounds placed as close as possible to the
switching regulator’s ground pin. To keep radiated EMI to
a minimum, it is necessary to place the input capacitor
ground lead as close as possible to the switching
regulator’s ground pin.
Input Voltage (VIN, Pin 2)
The VIN pin is the collector of the main NPN pass element.
This pin is also connected to the internal regulator. The
output diode or clamping diode should have its cathode as
close as possible to this point to avoid voltage spikes
adding to the voltage across the collector.
Bootstrap (BS, Pin 1)
The bootstrap pin, in conjunction with the external
bootstrap capacitor, provides a bias voltage higher than
the input voltage to the MIC4685’s main NPN pass
element. The bootstrap capacitor sees the dv/dt of the
switching action at the SW pin as an AC voltage. The
bootstrap capacitor then couples the AC voltage back to
the BS pin, plus the dc offset of VIN where it is rectified and
used to provide additional drive to the main switch; in this
case, a NPN transistor.
This additional drive reduces the NPN’s saturation voltage
and increases efficiency, from a VSAT of 1.8V, and 75%
efficiency to a VSAT of 0.5V and 88% efficiency
respectively.
Feedback (FB, Pin 3)
The feedback pin is tied to the inverting side of an error
amplifier. The noninverting side is tied to a 1.235V
bandgap reference. An external resistor voltage divider is
required from the output-to-ground, with the center tied to
the feedback pin. See Tables 1 and 2 for recommended
resistor values.
Enable (EN, Pin 5)
The enable (EN) input is used to turn on the regulator and
is TTL compatible. Note: connect the enable pin to the
input if unused. A logic-high enables the regulator. A logic-
low shuts down the regulator and reduces the stand-by
quiescent input current to typically 150µA. The enable pin
has an up-per threshold of 2.0V minimum and lower
threshold of 0.8V maximum. The hysterisis provided by the
upper and lower thresholds acts as an UVLO and prevents
unwanted turn on of the regulator due to noise.


Similar Part No. - MIC4685WREV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4685BR MICREL-MIC4685BR Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
More results

Similar Description - MIC4685WREV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com