Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4685 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4685_10 Datasheet HTML 1Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 2Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 3Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 4Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 5Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 6Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 7Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 8Page - Micrel Semiconductor MIC4685_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC4685
January 2010
4
M9999-012610
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)
(1) .................................................+34V
Enable Voltage (VEN)......................................... –0.3V to VIN
Steady-State Output Switch Voltage (VSW) .......... –1V to VIN
Feedback Voltage (VFB) ...............................................+12V
Storage Temperature (Ts) .........................–65°C to +150°C
EDS Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)
(4) ..................................... +4V to +30V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
SPAK-7 (
θJA)...................................................11.8°C/W
SPAK-7 (
θJC).....................................................2.2°C/W
Electrical Characteristics
VIN = VEN = 12V; VOUT 5V; IOUT = 500mA; TA = 25°C, bold values indicate –40°C< TJ < +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
MIC4685 [Adjustable]
(±2%)
(±3%)
1.210
1.198
1.235
1.260
1.272
V
V
Feedback Voltage
8V ≤ VIN ≤ 30V, 0.1A ≤ ILOAD ≤ 1A, VOUT = 5V, Note 4
1.186
1.173
1.235
1.284
1.297
V
V
Feedback Bias Current
50
nA
Maximum Duty Cycle
VFB = 1.0V
94
%
VIN = 30V, VEN = 0V, VSW = 0V
5
500
µA
Output Leakage Current
VIN = 30V, VEN = 0V, VSW = 1V
1.4
20
mA
Quiescent Current
VFB = 1.5V
6
12
mA
Bootstrap Drive Current
VFB = 1.5V, VSW = 0V
250
380
mA
Bootstrap Voltage
IBS = 10mA, VFB = 1.5V, VSW = 0V
5.5
6.2
V
Frequency Fold Back
VFB = 0V
30
70
120
kHz
Oscillator Frequency
180
200
225
kHz
Saturation Voltage
IOUT = 1A
0.59
V
Short Circuit Current Limit
VFB = 0V, See Test Circuit
3.5
6
A
Shutdown Current
VEN = 0V
150
200
µA
Enable Input Logic Level
regulator on
2
V
regulator off
0.8
V
Enable Pin Input Current
VEN = 0V (regulator off)
16
50
µA
VEN = 0V (regulator on)
–1
–0.83
mA
Thermal Shutdown @ TJ
160
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. 2.5V of headroom is required between VIN and VOUT. The headroom can be reduced by implementing a bootstrap diode as seen on the 5V to 3.3V
circuit on page 1.


Similar Part No. - MIC4685_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4685BR MICREL-MIC4685BR Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
More results

Similar Description - MIC4685_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com