Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4575-5.0BU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4575-5.0BU
Description  200kHz Simple 1A Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575-5.0BU Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4575-5.0BU Datasheet HTML 1Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 2Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 3Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 4Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 5Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 6Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 7Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 8Page - Micrel Semiconductor MIC4575-5.0BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC4575
July 2009
5
M9999-072909
Functional Description
The MIC4575 is a variable duty cycle switch-mode
regulator with an internal power switch. Refer to the
block diagrams.
Supply Voltage
The MIC4575 operates from a +4V to +24V unregulated
input. Highest efficiency operation is from a supply
voltage around +15V.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. Ground
the input if unused. A logic-low enables the regulator. A
logic-high shuts down the internal regulator which
reduces the current to typically 50µA.
Feedback
Fixed versions of the regulator have an internal resistive
divider from the feedback (FB) pin. Connect FB directly
to the output line.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, connected
from the1.23V tap to FB.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback
signal with a 1.23V bandgap voltage reference. The
resulting error amplifier output voltage is compared to a
200kHz sawtooth waveform to produce a voltage
controlled variable duty cycle output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage
(comparator inverting input) causes the comparator to
detect only the peaks of the sawtooth, reducing the duty
cycle of the comparator output. A lower feedback voltage
increases the duty cycle.
Output Switching
When the internal switch is on, an increasing current
flows from the supply VIN, through external storage
inductor L1, to output capacitor COUT and the load.
Energy is stored in the inductor as the current increases
with time.
When the internal switch is turned off, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging COUT.
Output Capacitor
External output capacitor COUT provides stabilization and
reduces ripple.
Return Paths
During the on portion of the cycle, the output capacitor
and load currents return to the supply ground. During the
off portion of the cycle, current is being supplied to the
output capacitor and load by storage inductor L1, which
means that D1 is part of the high-current return path.


Similar Part No. - MIC4575-5.0BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575-5.0BU MICREL-MIC4575-5.0BU Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
More results

Similar Description - MIC4575-5.0BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com