Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4680 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4680
Description  1A 200kHz SuperSwitcher Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4680 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4680_08 Datasheet HTML 1Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 2Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 3Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 4Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 5Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 6Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 7Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 8Page - Micrel Semiconductor MIC4680_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC4680
March 2008
5
M9999-032808
Typical Characteristics
Line Regulation
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
0
5
10 15 20 25 30 35
INPUT VOLTAGE (V)
I
OUT = 1.0A
4.96
4.98
5.00
5.02
5.04
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
Load Regulation
V
IN = 12V
V
OUT =5V
0
20
40
60
80
100
0
5
10 15 20 25 30 35
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50 -25
0
25
50 75 100 125
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
V
IN =12V
V
SHDN =VIN
0
1
2
3
4
5
6
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
OUTPUT CURRENT (A)
Current Limit
Characteristic
V
IN = 12V
196
197
198
199
200
201
202
0
5
10 15 20 25 30 35
SUPPLY VOLTAGE (V)
Frequency vs.
Supply Voltage
180
190
200
210
220
-50 -25
0
25
50 75 100 125
TEMPERATURE (°C)
Frequency vs.
Temperature
1.228
1.230
1.232
1.234
1.236
1.238
1.240
1.242
-50 -25 0 25 50 75 100 125 150
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
V
IN =12V
V
OUT =5V
I
OUT =1A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25 50 75 100 125
TEMPERATURE (°C)
Saturation Voltage
vs. Temperature
V
IN =12V
V
OUT =5V
I
LOAD =1A
0
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
3.3V Output
Efficiency
12V
6V
24V
0
10
20
30
40
50
60
70
80
90
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
5V Output
Efficiency
7V
12V
24V
0
10
20
30
40
50
60
70
80
90
100
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
12V Output
Efficiency
15V
24V


Similar Part No. - MIC4680_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4680-3.3BM MICREL-MIC4680-3.3BM Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
logo
Microchip Technology
MIC4680-3.3YM-TR MICROCHIP-MIC4680-3.3YM-TR Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680-5.0BM MICREL-MIC4680-5.0BM Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
logo
Microchip Technology
MIC4680-5.0YM-TR MICROCHIP-MIC4680-5.0YM-TR Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680BM MICREL-MIC4680BM Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
More results

Similar Description - MIC4680_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com