Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2951-03BN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2951-03BN
Description  150mA Low-Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2951-03BN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2951-03BN Datasheet HTML 1Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 2Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 3Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 4Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 5Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 6Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 7Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 8Page - Micrel Semiconductor MIC2951-03BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC2950*/2951
150mA Low-Dropout Voltage Regulator
* MIC2950 Discontinuance September 2007.
MM8 is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2010
M9999-021610
General Description
The MIC2950 and MIC2951 are “bulletproof” micropower
voltage regulators with very low dropout voltage (typically
40mV at light loads and 250mV at 100mA), and very low
quiescent current. Like their predecessors, the LP2950 and
LP2951, the quiescent current of the MIC2950/MIC2951
increases only slightly in dropout, thus pro-longing battery
life. The MIC2950/MIC2951 are pin for pin compatible with
the LP2950/LP2951, but offer lower dropout, lower
quiescent current, reverse battery, and automotive load
dump protection.
The key additional features and protection offered include
higher output current (150mA), positive transient protection
for up to 60V (load dump), and the ability to survive an
unregulated input voltage transient of –20V below ground
(reverse battery).
The plastic DIP and SOIC versions offer additional system
functions such as programmable output voltage and logic
controlled shutdown. The 3-pin TO-92 MIC2950 is pin-
compatible with the older 5V regulators.
These system functions also include an error flag output
that warns of a low output voltage, which is often due to
failing batteries on the input. This may also be used as a
power-on reset. A logic-compatible shutdown input is also
available which enables the regulator to be switched on and
off. This part may also be pin-strapped for a 5 V output, or
programmed from 1.24 V to 29 V with the use of two
external resistors.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• High accuracy 3.3, 4.85, or 5V, guaranteed 150mA
output
• Extremely low quiescent current
• Low-dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Use as regulator or reference
• Needs only 1.5µF for stability
• Current and thermal limiting
• Unregulated DC input can withstand –20V reverse
battery and +60V positive transients
MIC2951 Version Only
• Error flag warns of output dropout
• Logic-controlled electronic shutdown
• Output programmable from 1.24 to 29V
Applications
• Automotive electronics
• Voltage reference
• Avionics
• Cellular telephones
• Battery powered equipment
• SMPS post-regulator
• High efficiency linear power supplies
___________________________________________________________________________________________________________
Block Diagram


Similar Part No. - MIC2951-03BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2951-03BN MICREL-MIC2951-03BN Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
MIC2951-03BN MICREL-MIC2951-03BN Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC2951-03BN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com