Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3775-1.65BMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC3775-1.65BMM
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775-1.65BMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC3775-1.65BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 9Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 10Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 11Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 12Page - Micrel Semiconductor MIC3775-1.65BMM Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC3775
December 2006
11
M9999-121906
with an input as low as 3.0V or 2.5V respectively. This
gives the PNP-based regulators a distinct advantage
over older, NPN-based linear regulators.
Minimum Load Current
The MIC3775 regulator is specified between finite loads.
If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum
load current is necessary for proper regulation.
Adjustable Regulator Design
⎛ +
=
R2
R1
1
1.240V
VOUT
Figure 2. Adjustable Regulator with Resistors
The MIC3775 allows programming the output voltage
anywhere between 1.24V and the 6V maximum
operating rating of the family. Two resistors are used.
Resistors can be quite large, up to 1MΩ, because of the
very high input impedance and low bias current of the
sense comparator. The resistor values are calculated by:
⎟⎟
⎜⎜
=
1
1.240
V
R2
R1
OUT
Where VO is the desired output voltage. Figure 2 shows
component definition. Applications with widely varying
load currents may scale the resistors to draw the
minimum load current required for proper operation (see
above).
Power MSOP-8 Thermal Characteristics
One of the secrets of the MIC3775’s performance is its
power MSOP-8 package featuring half the thermal
resistance of a standard MSOP-8 package. Lower
thermal resistance means more output current or higher
input voltage for a given package size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a
single-piece electrical and thermal conductor. This
concept has been used by MOSFET manufacturers for
years, proving very reliable and cost effective for the
user.
Thermal resistance consists of two main elements, θJC
(junction-to-case thermal resistance) and θCA (case-to-
ambient thermal resistance). See Figure3. θJC is the
resistance from the die to the leads of the package. θCA
is the resistance from the leads to the ambient air and it
includes θCS (case-to- sink thermal resistance) and θSA
(sink-to-ambient thermal resistance).
Using the power MSOP-8 reduces the θJC dramatically
and allows the user to reduce θCA. The total thermal
resistance, θJA (junction-to-ambient thermal resistance)
is the limiting factor in calculating the maximum power
dissipation capability of the device. Typically, the power
MSOP-8 has a θJA of 80°C/W, this is significantly lower
than the standard MSOP-8 which is typically 160°C/W.
θCA is reduced because pins 5 through 8 can now be
soldered directly to a ground plane which significantly
reduces the case-to-sink thermal resistance and sink-to-
ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125°C. It is important
not to exceed this maximum junction temperature during
operation of the device. To prevent this maximum
junction
temperature
from
being
exceeded,
the
appropriate ground plane heatsink must be used.
Figure 3. Thermal Resistance
Figure 4 shows copper area versus power dissipation
with each trace corresponding to a different temperature
rise above ambient.
From these curves, the minimum area of copper
necessary for the part to operate safely can be deter-
mined. The maximum allowable temperature rise must
be calculated to determine operation along which curve.
Figure 4. Copper Area vs. Power-MSOP
Power Dissipation (∆TJA)


Similar Part No. - MIC3775-1.65BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3775-1.65BMM MICREL-MIC3775-1.65BMM Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC3775-1.65BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com