Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2951-03BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2951-03BM
Description  150mA Low-Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2951-03BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2951-03BM Datasheet HTML 1Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 2Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 3Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 4Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 5Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 6Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 7Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 8Page - Micrel Semiconductor MIC2951-03BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MIC2950/2951
February 2010
4
M9999-021610
Absolute Maximum Ratings
(1)
Input Supply Voltage (VIN)
(5) .............................–20 to +60V
Feedback Input Voltage (VFB)
(6, 7) ....................–1.5 to +26V
Shutdown Input Voltage (VSHDN)
(6)...................–0.3 to +30V
Power Dissipation (PD)
(4) ..........................Internally Limited
Lead Temperature (soldering, 5 sec.)........................ 260°C
Storage Temperature ................................–65°C to +150°C
ESD
(3)
Operating Ratings
(2)
Input Supply Voltage (VIN)................................+2.0 to +30V
Junction Temperature (TJ)
(4)
MIC2950-05/MIC2950-06 ................... –40°C to +125°C
MIC2951-02/MIC2950-03 ................... –40°C to +125°C
Electrical Characteristics
(1)
VIN = 6V; IL = 100µA; CL = 1µF; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; Note 8; unless noted.
Parameter
Condition
Min
Typ
Max
Units
MIC295x-02/-05 (±0.5%)
4.975
5.000
5.025
V
MIC295x-03/06 (±1%)
4.950
5.000
5.050
V
MIC2951-3.3 (±1%)
3.267
3.300
3.333
V
Output Voltage
TJ = 25°C
MIC2951-4.8 (±1%)
4.802
4.850
4.899
V
MIC295x-02/-05 (±0.5%)
4.950
5.050
V
MIC295x-03/-06 (±1%)
4.925
5.075
V
MIC2951-3.3 (±1%)
3.251
3.350
V
Output Voltage
–25°C ≤ TJ ≤ +85°C
MIC2951-4.8 (±1%)
4.777
4.872
V
MIC295x-02/-05 (±0.5%)
4.940
5.060
V
MIC295x-03/06 (±1%)
4.900
5.100
V
MIC2951-3.3 (±1%)
3.234
3.366
V
Output Voltage
Over Full Temperature Range
–40°C to +125°C
MIC2951-4.8 (±1%)
4.753
4.947
V
MIC295x-02/-05 (±0.5%), 100µA ≤ IL ≤ 150mA, TJ ≤ TJ(max)
4.930
5.070
V
MIC295x-03/-06 (±1%), 100µA ≤ IL ≤ 150mA, TJ ≤ TJ(max)
4.880
5.120
V
MIC2951-3.3 (±1%), 100µA ≤ IL ≤ 150mA, TJ ≤ TJ(max)
3.221
3.379
V
Output Voltage
Over Load Variation
MIC2951-4.8 (±1%), 100µA ≤ IL ≤ 150mA, TJ ≤ TJ(max)
4.733
4.967
V
MIC295x-02/-05 (±0.5%), Note 9
20
100
ppm/°C
MIC295x-03/-06 (±1%), Note 9
50
150
ppm/°C
MIC2951-3.3 (±1%), Note 9
50
150
ppm/°C
Output Voltage
Temperature Coefficient
MIC2951-4.8 (±1%), Note 9
50
150
ppm/°C
MIC295x-02/-05 (±0.5%), Notes 10, 11
0.03
0.10
0.20
%
%
MIC295x-03/-06 (±1%), Notes 10, 11
0.04
0.20
0.40
%
%
MIC2951-3.3 (±1%), Notes 10, 11
0.04
0.20
0.40
%
%
Line Regulation
MIC2951-4.8 (±1%), Notes 10, 11
0.04
0.20
0.40
%
%


Similar Part No. - MIC2951-03BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2951-03BM MICREL-MIC2951-03BM Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
MIC2951-03BM MICREL-MIC2951-03BM Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2951-03BMM MICREL-MIC2951-03BMM Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
MIC2951-03BMM MICREL-MIC2951-03BMM Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC2951-03BM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com