Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2954-03BS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2954-03BS
Description  250mA Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2954-03BS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2954-03BS Datasheet HTML 2Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 3Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 4Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 5Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 6Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 7Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 8Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 9Page - Micrel Semiconductor MIC2954-03BS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
MIC2954
September 2007
6
M9999-090607
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. PD(max) = (TJ(max) – TA) ÷ θJC. Exceeding TJ(max) will cause thermal shutdown.
5. Thermal resistance (θJC) of the TO-220 package is 2.5°C/W, and 15°C/W for the SOT-223. Thermal resistance (θJC) of the TO-92 package is
180°C/W with 0.4" leads and 160°C/W with 0.25" leads. Thermal resistance (θJA) of the SOP-8 is 160°C/W mounted on a printed circuit board
(See “Application Information: Thermal Calculation”).
6. Output voltage temperature coefficient is defined as the worst case voltage change divide by the total temperature range.
7. Line regulation for the MIC2954 is tested at 125°C for IL = 1mA. For IL = 100µA and TJ = 125°C, line regulation is guaranteed by design to0.2%.
See “Typical Characteristics” for line regulation versus temperature and load current.
8. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
9. Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value measured at 1V
differential. At very low values of programmed output voltage, the minimum input supply voltage of 2 V (2.3V over temperature) must be taken into
account.
10. Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus the ground pin
current.
11. The MIC2954 features fold-back current limiting. The short circuit (VOUT = 0V) current limit is less than the maximum current with normal output
voltage.
12. Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at VIN = 20V (a 4W pulse) for t = 10ms.
13. VREF ≤ VOUT ≤ (VIN – 1V), 2.3V ≤ VIN ≤ 30V, 100 µA < IL ≤ 250 mA, TJ ≤ TJ(max).
14. Comparator thresholds are expressed in terms of a voltage differential at the FB pin below the nominal reference voltage measured at 6Vinput. To
express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT /VREF = (R1 + R2)/R2. For example, at a
programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV × 5V/1.235V = 384mV. Thresholds
remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
15. VSHDN ≥ 2V, VIN ≤ 30 V,VOUT = 0, with the FB pin connected to TAP.
16. When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be diode clamped to ground.
17. Maximum positive supply voltage of 60V must be of limited duration (<10ms) and duty cycle (<1%). The maximum continuous supply voltage is 30V.


Similar Part No. - MIC2954-03BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954-03BS MICREL-MIC2954-03BS Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
More results

Similar Description - MIC2954-03BS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com