Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2940A-3.3WT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2940A-3.3WT
Description  1.2A Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2940A-3.3WT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2940A-3.3WT Datasheet HTML 2Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 3Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 4Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 5Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 6Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 7Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 8Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 9Page - Micrel Semiconductor MIC2940A-3.3WT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC2940A/2941A
July 2007
6
M9999-071307
Typical Characteristics (continued)
0
25
50
75
100
125
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
MIC29401/2 Shutdown Current
vs. Temperature
V
EN =5V
V
EN =2V
-500
-250
0
250
500
750
-0.5
0.0
0.5
1.0
1.5
2.0
-5
05
10
TIME (ms)
Load Transient
C
OUT =10 µF
5mA
-200
-100
0
100
200
-0.5
0.0
0.5
1.0
1.5
2.0
-5
05
10
TIME (ms)
Load Transient
C
OUT = 100 µF
5mA
0
10
20
30
40
50
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
MIC29402/3 Adjust Pin
Current vs. Temperature
I
LOAD =5mA
-40
-20
0
20
40
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
C
OUT =10 µF
-10
0
10
20
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
C
OUT = 100 µF
0.01
0.1
1
10
FREQUENCY (Hz)
Output Impedance
vs. Frequency
I
LOAD = 10mA


Similar Part No. - MIC2940A-3.3WT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2940A-3.3WT MICROCHIP-MIC2940A-3.3WT Datasheet
2Mb / 24P
   1.25A Low Dropout Voltage Regulator
09/14/21
More results

Similar Description - MIC2940A-3.3WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
   1.2A Low-Dropout Voltage Regulator
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
logo
Richtek Technology Corp...
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com