Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2940A-3.3BU Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2940A-3.3BU
Description  1.2A Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2940A-3.3BU Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2940A-3.3BU Datasheet HTML 3Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 4Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 5Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 6Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 7Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 8Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 9Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 10Page - Micrel Semiconductor MIC2940A-3.3BU Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC2940A/2941A
July 2007
9
M9999-071307
Package Information
3-Pin TO-220 (T)
3-Pin TO-263 (U)


Similar Part No. - MIC2940A-3.3BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2940A-3.3BU MICREL-MIC2940A-3.3BU Datasheet
121Kb / 8P
   1.25A Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC2940A-3.3BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
   1.2A Low-Dropout Voltage Regulator
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
logo
Richtek Technology Corp...
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com