Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2545A-2YTS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2545A-2YTS
Description  Programmable Current Limit High-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2545A-2YTS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2545A-2YTS Datasheet HTML 1Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 2Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 3Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 4Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 5Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 6Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 7Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 8Page - Micrel Semiconductor MIC2545A-2YTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2545A/2549A
Micrel
M9999-041204
2
April 2004
Ordering Information
Part Number
Enable
Latch*
Temperature Range
Package
Pb-Free
MIC2545A-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2545A-1BN
Active High
–40
°C to +85°C
8-pin DIP
MIC2545A-1BTS
Active High
–40
°C to +85°C
14-lead TSSOP
MIC2545A-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2545A-2BN
Active Low
–40
°C to +85°C
8-pin DIP
MIC2545A-2BTS
Active Low
–40
°C to +85°C
14-lead TSSOP
MIC2545A-1YM
Active High
–40
°C to +85°C
8-lead SOP
MIC2545A-1YN
Active High
–40
°C to +85°C
8-pin DIP
MIC2545A-1YTS
Active High
–40
°C to +85°C
14-lead TSSOP
MIC2545A-2YM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2545A-2YN
Active Low
–40
°C to +85°C
8-pin DIP
MIC2545A-2YTS
Active Low
–40
°C to +85°C
14-lead TSSOP
MIC2549A-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2549A-1BN
Active High
–40
°C to +85°C
8-pin DIP
MIC2549A-1BTS
Active High
–40
°C to +85°C
14-lead TSSOP
MIC2549A-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2549A-2BN
Active Low
–40
°C to +85°C
8-pin DIP
MIC2549A-2BTS
Active Low
–40
°C to +85°C
14-lead TSSOP
MIC2549A-1YM
Active High
–40
°C to +85°C
8-lead SOP
MIC2549A-1YN
Active High
–40
°C to +85°C
8-pin DIP
MIC2549A-1YTS
Active High
–40
°C to +85°C
14-lead TSSOP
MIC2549A-2YM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2549A-2YN
Active Low
–40
°C to +85°C
8-pin DIP
MIC2549A-2YTS
Active Low
–40
°C to +85°C
14-lead TSSOP
Pin Configuration
1
2
3
4
8
7
6
5
OUT
IN
OUT
IN
EN
FLG
GND
ILIM
MIC2545A/2549A
8-Lead SOP (M)
8-Pin DIP (N)
LOGIC,
CHARGE
PUMP
6,8 (OUT)
5,7 (IN)
(EN) 1
(FLG) 2
3 (GND)
(ILIM) 4
MIC2545A/2549A
2
NC
3
FLG
4
NC
5
GND
6
NC
7
ILIM
1
EN
OUT
14
NC
13
IN
12
NC
11
OUT
10
NC
9
8
IN
MIC2545A/2549A
14-Lead TSSOP (TS)


Similar Part No. - MIC2545A-2YTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A-2YTS MICREL-MIC2545A-2YTS Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
More results

Similar Description - MIC2545A-2YTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com