Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2561-0YM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2561-0YM
Description  PCMCIA Card Socket VCC and VPP Switching Matrix
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2561-0YM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2561-0YM Datasheet HTML 3Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 4Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 5Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 6Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 7Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 8Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 9Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 10Page - Micrel Semiconductor MIC2561-0YM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC2561
Micrel
January 2005
7
MIC2561
However, many cost sensitive designs (especially notebook/
palmtop computers) connect VPP1 to VPP2 and the MIC2557
is not required. This circuit is shown in Figure 4.
When a memory card is initially inserted, it should receive
V
CC
— either 3.3V ± 0.3V or 5.0V ±5%. The initial voltage is
determined by a combination of mechanical socket “keys”
and voltage sense pins. The card sends a handshaking data
stream to the controller, which then determines whether or
not this card requires V
PP
and if the card is designed for dual
V
CC
. If the card is compatible with and desires a different V
CC
level, the controller commands this change by disabling V
CC
,
waiting at least 100ms, and then re-enabling the other V
CC
voltage.
If no card is inserted or the system is in sleep mode, the
controller outputs a (VCC3 IN, VCC5 IN) = (0,0) to the
MIC2561, which shuts down VCC. This also places the switch
into a high impedance output shutdown (sleep) mode, where
current consumption drops to nearly zero, with only tiny
CMOS leakage currents flowing.
During Flash memory programming with standard (+12V)
Flash memories, the PCMCIA controller outputs a (1,0) to the
EN0, EN1 control pins of the MIC2561, which connects
VPP IN to VPP OUT. The low ON resistance of the MIC2561
switches allow using small bypass capacitors (in some cases,
none at all) on the VCC OUT and VPP OUT pins, with the main
filtering action performed by a large filter capacitor on the
input supply voltage to VPP IN (usually the main power
supply filter capacitor is sufficient). The VPP OUT transition
from VCC to 12.0V typically takes 15µs. After programming is
completed, the controller outputs a (EN1, EN0) = (0,1) to the
MIC2561, which then reduces VPP OUT to the VCC level for
read verification. Break-before-make switching action re-
duces switching transients and lowers maximum current
spikes through the switch from the output capacitor. The flag
comparator prevents having high voltage on the VPP OUT
capacitor from contaminating the VCC inputs, by disabling the
low voltage VPP switches until VPP OUT drops below the VCC
level selected. The lockout delay time varies with the load
current and the capacitor on VPP OUT. With a 0.1µF capacitor
and nominal IPP OUT, the delay is approximately 250µs.
Internal drive and bias voltage is derived from VPPIN. Internal
device control logic is powered from VCC3 IN. Input logic
threshold voltages are compatible with common PCMCIA
controllers using either 3.3V or 5V supplies. No pull-up
resistors are required at the control inputs of the MIC2561.
Output Current and Protection
MIC2561 output switches are capable of more current than
needed in PCMCIA applications and meet or exceed all
PCMCIA specifications. For system and card protection,
output currents are internally limited. For full system protec-
tion, long term (millisecond or longer) output short circuits
invoke overtemperature shutdown, protecting the MIC2561,
the system power supplies, the card socket pins, and the
memory card. The MIC2561 overtemperature shutdown oc-
curs at a die temperature of 110°C.
Suspend Mode
An additional feature in the MIC2561 is a pseudo power-down
mode, Suspend Mode, which allows operation without a V
PP
IN supply. In Suspend Mode, the MIC2561 supplies 3.3V to
V
CC
OUT whenever a V
CC
output of 3.3V is enabled by the
PCMCIA controller. This mode allows the system designer
the ability to turn OFF the V
PP
supply generator to save
power when it is not specifically required. The PCMCIA card
receives V
CC
at reduced capacity during Suspend Mode, as
the switch resistance rises to approximately 4.5Ω.
High Current V
CC Operation Without a
+12V Supply
Figure 5 shows the MIC2561 with V
CC
switch bias provided
by a simple charge pump. This enables the system designer
to achieve full V
CC
performance without a +12V supply,
which is often helpful in battery powered systems that only
provide +12V when it is needed. These on-demand +12V
System
Power
Supply
PCMCIA
Card Slot
Controller
MIC2561
PCMCIA
Card Slot
5V
3.3V
12V
EN0
EN1
VPP1
VCC
VPPIN
VCC5IN
VCC3IN
VCC5_EN
VCC3_EN
VPP2
Figure 4. MIC2561 Typical PCMCIA memory card application with dual V
CC (5.0V or 3.3V). Note that VPP1 and VPP2 are
driven together.


Similar Part No. - MIC2561-0YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2561-0BM MICREL-MIC2561-0BM Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
More results

Similar Description - MIC2561-0YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
   PCMCIA Card Socket VPP Switching Matrix Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com