Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2561-0BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2561-0BM
Description  PCMCIA Card Socket VCC and VPP Switching Matrix
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2561-0BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2561-0BM Datasheet HTML 1Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 2Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 3Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 4Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 5Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 6Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 7Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 8Page - Micrel Semiconductor MIC2561-0BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2561
Micrel
MIC2561
4
January 2005
Electrical Characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC SWITCHING TIME
t1
Rise Time (10% to 90%)
VCC OUT = 0V to 3.3V, IOUT = 750mA
70
140
µs
t2
Rise Time (10% to 90%)
VCC OUT = 0V to 5.0V
50
60
µs
t3
Fall Time (note 3)
VCC OUT = 5.0V to 0V or 3.3V to 0V
40
µs
t4
Rise Time
VCC OUT = Hi-Z to 5V
60
µs
POWER SUPPLY
ICC5
VCC5 IN Supply Current
ICC OUT = 0
0.01
10
µA
ICC3
VCC3 IN Supply Current
VCC OUT = 5V or 3.3V, ICC OUT = 0
30
100
µA
VCC OUT = Hi-Z (Sleep Mode)
0.01
10
IPP IN
VPP IN Supply Current
VCC Active, VPP OUT = 5V or 3.3V
15
30
µA
IPP OUT =0
VPP OUT = HiZ, 0, or VPP
0.01
10
VCC5 IN
Operating Input Voltage
VCC5 IN ≥ VCC3 IN
VCC3 IN
5.0
6
V
VCC3 IN
Operating Input Voltage
VCC3 IN ≤ VCC5 IN
2.8
3.3
VCC5 IN
V
VPP IN
Operating Input Voltage
8.0
12.0
14.5
V
SUSPEND MODE (NOTE 6)
ICC3
Suspend Mode Active Current
VPP IN = 0V, VCC5 = VCC3 = 3.3V
30
100
µA
(from VCC3)VCC5 = Enabled
VPP = Disabled (Hi-Z or 0V)
R
ON VCC
V
CC OUT RON
VPP IN = 0V, VCC5 = VCC3 = 3.3V
4.5
6
VCC3 = Enabled
VPP = Disabled (Hi-Z or 0V)
NOTE 1:
Functional operation above the absolute maximum stress ratings is not implied.
NOTE 2:
Static-sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to prevent damage
from static discharge.
NOTE 3:
From 90% of V
OUT to 10% of VOUT. RL = 2.1kΩ
NOTE 6:
Suspend mode is a pseudo power-down mode the MIC2561 automatically allows when VPP IN = 0V, VPP OUT is deselected, and VCC
OUT = 3.3V is selected. Under these conditions, the MIC2561 functions in a reduced capacity mode where VCC output of 3.3V is allowed,
but at lower current levels (higher switch ON resistance).


Similar Part No. - MIC2561-0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2561-0BM MICREL-MIC2561-0BM Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
More results

Similar Description - MIC2561-0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
   PCMCIA Card Socket VPP Switching Matrix Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com