Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2505-1YM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2505-1YM
Description  Single 2A / Dual 1A / High-Side Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2505-1YM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2505-1YM Datasheet HTML 1Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 2Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 3Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 4Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 2004
3
M9999-042704
MIC2505/2506
Micrel
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC2505 series
MIC2506
1
1 / 4
CTL (A/B)
Control (Input): TTL compatible control input. High input typically > 1.8V.
Low input typically < 1.6V. MIC2505, MIC2505-1 and MIC2506 are active
high. MIC2505-2 is active low.
2
2 / 3
FLG (A/B)
Fault Flag (Output): Active-low, open-drain output. If CTL is low, indicates
open load. If CTL is high, indicates current limit, thermal shutdown, or
UVLO.
MIC2505-1 and -2 do not support open-load detect.
3
6
GND
Ground: Return.
4
GATE
Output MOSFET Gate: Open for fastest rise time. Connect capacitor to
ground to slow rise time. (See MIC2505 Turn-On Delay graph)
5, 7
7
IN
Supply Input: Output MOSFET drain. Also supplies IC’s internal circuitry.
Connect to supply.
MIC2505 series only: Pins 5 and 7 must be externally connected together.
6, 8
8 / 5
OUT (A/B)
Switch Output: Output MOSFET source. Typically connect to switched side
of load. Output voltage can be pulled above input voltage in off mode.
MIC2505 series only: Pins 6 and 8 must be externally connected together.
Absolute Maximum Ratings
Supply Voltage (V
IN) .................................................... 8.0V
Fault Flag Voltage (V
FLG) ............................................. 7.5V
Fault Flag Current (I
FLG) ............................................ 50mA
Output Voltage (V
OUT) ................................................. 7.5V
Output Current (I
OUT) ............................... Internally Limited
Gate Voltage (V
GATE) ......................................... VIN + 15V
Control Input (V
CTL) ....................................... –0.3V to 15V
Storage Temperature (T
A) ....................... –65°C to +150°C
Lead Temperature (Soldering 5 sec.) ....................... 260
°C
Operating Ratings
Supply Voltage (V
IN) ................................... +2.7V to +7.5V
Ambient Operating Temperature (T
A) ........ –40°C to +85°C
Thermal Resistance
SOIC
JA) ......................................................... 160°C/W
DIP
JA) ............................................................ 105°C/W


Similar Part No. - MIC2505-1YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2505-1YM MICROCHIP-MIC2505-1YM Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
MIC2505-1YM-TR MICROCHIP-MIC2505-1YM-TR Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
More results

Similar Description - MIC2505-1YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com