Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2505-1YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2505-1YM
Description  Single 2A / Dual 1A / High-Side Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2505-1YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2505-1YM Datasheet HTML 1Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 2Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 3Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 4Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2505-1YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2505/2506
Micrel
M9999-042704
2
April 2004
Pin Configuration
1
2
3
4
8
7
6
5
OUT
IN
OUT
IN
CTL
FLG
GND
GATE
MIC2505/-1/-2
1
2
3
4
8
7
6
5
OUT A
IN
GND
OUT B
CTL A
FLG A
FLG B
CTL B
MIC2506
8-Pin SOIC (M)
8-Pin DIP (N)
8-Pin SOIC (M)
8-Pin DIP (N)
LOGIC,
CHARGE
PUMP
6, 8 (OUT)
3 (GND)
(CTL A) 1
(FLG A) 2
5, 7 (IN)
(GATE A) 4
MIC2505/-1/-2
LOGIC,
CHARGE
PUMP
LOGIC,
CHARGE
PUMP
8 (OUT A)
5 (OUT B)
7 (IN)
6 (GND)
(CTL A) 1
(FLG A) 2
(FLG B) 3
(CTL B) 4
MIC2506
Ordering Information
Part Number
Control/Enable
Open-Load Detect
Temperature Range
Package
Lead Finish
Single-Switch
MIC2505BM
Active-High
Yes
–40
°C to +85°C
8-pin SOIC
Standard
MIC2505YM
Active-High
Yes
–40
°C to +85°C
8-pin SOIC
Pb-Free
MIC2505BN
Active-High
Yes
–40
°C to +85°C
8-pin DIP
Standard
MIC2505-1BM
Active-High
No
–40
°C to +85°C
8-pin SOIC
Standard
MIC2505-1YM
Active-High
No
–40
°C to +85°C
8-pin SOIC
Pb-Free
MIC2505-1BN
Active-High
No
–40
°C to +85°C
8-pin DIP
Standard
MIC2505-2BM
Active-Low
No
–40
°C to +85°C
8-pin SOIC
Standard
MIC2505-2YM
Active-Low
No
–40
°C to +85°C
8-pin SOIC
Pb-Free
MIC2505-2BN
Active-Low
No
–40
°C to +85°C
8-pin DIP
Standard
Dual Switch
MIC2506BM
Active-High
Yes
–40
°C to +85°C
8-pin SOIC
Standard
MIC2506YM
Active-High
Yes
–40
°C to +85°C
8-pin SOIC
Pb-Free
MIC2506BN
Active-High
Yes
–40
°C to +85°C
8-pin DIP
Standard


Similar Part No. - MIC2505-1YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2505-1YM MICROCHIP-MIC2505-1YM Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
MIC2505-1YM-TR MICROCHIP-MIC2505-1YM-TR Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
More results

Similar Description - MIC2505-1YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com