Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2561 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2561
Description  PCMCIA Card Socket VCC and VPP Switching Matrix
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2561 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2561_05 Datasheet HTML 1Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 2Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 3Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 4Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 5Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 6Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2561_05 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC2561
Micrel
January 2005
3
MIC2561
Electrical Characteristics: (Over operating temperature range with V
CC3 IN = 3.3V, VCC5 IN = 5.0V, VPP IN = 12V unless
otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
VIH
Logic 1 Input Voltage
2.2
15
V
VIL
Logic 0 Input Voltage
–0.3
0.8
V
IIN
Input Current
0 V < VIN < 5.5V
±1
µA
VPP OUTPUT
IPP OUT
High Impedance Output
Shutdown Mode
0.1
50
µA
Hi-Z
Leakage Current
0 ≤ VPP OUT ≤ 12V
IPPSC
Short Circuit Current Limit
VPP OUT = 0
0.2
A
RO
Switch Resistance,
Select VPP OUT = 12V
0.55
1
IPP OUT = –1000mA (Sourcing)
Select VPP OUT = 5V
0.7
1
Select VPP OUT = 3.3V
2
3
RO
Switch Resistance,
Select VPP OUT = Clamped to Ground
0.75
2
kΩ
IPP OUT = 50µA (Sinking)
VPP SWITCHING TIME (See Figure 1)
t1
Output Turn-On Rise Time
VPP OUT = Hi-Z to 5V
50
µs
t2
Output Turn-On Rise Time
VPP OUT = Hi-Z to 3.3V
40
µs
t3
Output Turn-On Rise Time
VPP OUT = Hi-Z to 12V
300
µs
t4
Output Rise Time
VPP OUT = 3.3V or 5V to 12V
30
µs
t5
Output Turn-Off Delay
VPP OUT = 12V to 3.3V or 5V
25
75
µs
t6
Output Turn-Off Delay
VPP OUT = 5V to Hi-Z
75
200
ns
VCC OUTPUT
ICC OUT
High Impedance Output
1 ≤ VCC OUT ≤ 5V
0.1
10
µA
Hi-Z
Leakage Current
ICCSC
Short Circuit Current Limit
VCC OUT = 0
1.5
2
A
RO
Switch Resistance,
ICC OUT = –650 mA (Sourcing)
210
300
mΩ
VCC OUT = 5.0V
RO
Switch Resistance,
ICC OUT = –650 mA (Sourcing)
110
185
mΩ
VCC OUT = 3.3V


Similar Part No. - MIC2561_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2561-0BM MICREL-MIC2561-0BM Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
More results

Similar Description - MIC2561_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
   PCMCIA Card Socket VPP Switching Matrix Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com