Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2505BN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2505BN
Description  Single 2A / Dual 1A / High-Side Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2505BN Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2505BN Datasheet HTML 2Page - Micrel Semiconductor MIC2505BN Datasheet HTML 3Page - Micrel Semiconductor MIC2505BN Datasheet HTML 4Page - Micrel Semiconductor MIC2505BN Datasheet HTML 5Page - Micrel Semiconductor MIC2505BN Datasheet HTML 6Page - Micrel Semiconductor MIC2505BN Datasheet HTML 7Page - Micrel Semiconductor MIC2505BN Datasheet HTML 8Page - Micrel Semiconductor MIC2505BN Datasheet HTML 9Page - Micrel Semiconductor MIC2505BN Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC2505/2506
Micrel
M9999-042704
6
April 2004
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
On-State Supply Current
vs. Temperature
0
0.5
1.0
1.5
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Off-State Supply Current
vs. Temperature
1
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Control Threshold
vs. Temperature
V
CTL RISING
V
CTL FALLING
0
200
400
600
800
1000
0
50
100
150
200
250
CAPACITANCE (nF)
MIC2505 Turn-On Delay
with External Gate Capacitance


Similar Part No. - MIC2505BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505BN MICREL-MIC2505BN Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
More results

Similar Description - MIC2505BN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com