Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2296YD5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2296YD5
Description  High Power Density 1.2A Boost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2296YD5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2296YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 10Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 11Page - Micrel Semiconductor MIC2296YD5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel
MIC2296
January 2010
9
M9999-011310
L1
4.7µH
C2
22µF
6.3V
R2
1.87k
R1
5.62k
MIC2296BML
VIN
VIN
3V to 4.2V
VOUT
5V @ 400mA
EN
SW
FB
GND
GND
OVP
GND
C1
4.7µF
6.3V
D1
470 pF
3VIN to 4.2VOUT @ 400mA
L1
4.7µH
C2
4.7µF
16V
R2
5k
R1
31.6k
MIC2296BML
VIN
VIN
3V to 4.2V
VOUT
9V @ 180mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2µF
10V
D1
560 pF
3VIN - 4.2VIN to 9VOUT @ 180mA
L1
15µH
C2
4.7µF
16V
R2
5k
R1
43.2k
MIC2296BML
VIN
VIN
3V to 4.2V
VOUT
12V @ 120mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2µF
10V
D1
1200 pF
3VIN - 4.2Vin to 12VOUT @ 120mA
L1
15µH
C2
2.2µF
25V
R2
2.32k
R1
43.2k
MIC2296BML
VIN
VIN
5V
VOUT
24V @160mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2µF
10V
D1
5VIN to 24VOUT @ 160mA
L1
15µH
C2
2.2µF
25V
R2
2.32k
R1
43.2k
MIC2296BML
VIN
VIN
3V to 4.2V
VOUT
24V@80mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2µF
10V
D1
1200 pF
3VIN to 4.2VIN to 24VOUT @ 80mA


Similar Part No. - MIC2296YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
   High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC2296YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2295 MICREL-MIC2295 Datasheet
1Mb / 13P
   High Power Density 1.2A Boost Regulator
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
   High Power Density 1.2A Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com