Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2288BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2288BML
Description  1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2288BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2288BML Datasheet HTML 3Page - Micrel Semiconductor MIC2288BML Datasheet HTML 4Page - Micrel Semiconductor MIC2288BML Datasheet HTML 5Page - Micrel Semiconductor MIC2288BML Datasheet HTML 6Page - Micrel Semiconductor MIC2288BML Datasheet HTML 7Page - Micrel Semiconductor MIC2288BML Datasheet HTML 8Page - Micrel Semiconductor MIC2288BML Datasheet HTML 9Page - Micrel Semiconductor MIC2288BML Datasheet HTML 10Page - Micrel Semiconductor MIC2288BML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC2288
Micrel, Inc.
M9999-042205
10
April 2005
L1
10
µH
C2
10
µF
16V
R2
5k
R1
43.2k
MIC2288BML
VIN
VIN
5V
VOUT
12V @ 250mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 9. 5V
IN to 12VOUT @ 250mA
L1
10
µH
C2
4.7
µF
25V
R2
1k
R1
18.2k
MIC2288BML
VIN
VIN
5V
VOUT
24V @ 80mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
4.7µF, 25V, 1206 X5R Ceramic Capacitor
12066D475MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH32CN4R7M11
Murata
Figure 10. 5V
IN to 24VOUT @ 80mA


Similar Part No. - MIC2288BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2288BML MICREL-MIC2288BML Datasheet
116Kb / 10P
   1A 1.2 MHZ PWM BOOST CONVERTER IN THIN SOT 23 AND 2 X MLF
More results

Similar Description - MIC2288BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2288 MICREL-MIC2288 Datasheet
116Kb / 10P
   1A 1.2 MHZ PWM BOOST CONVERTER IN THIN SOT 23 AND 2 X MLF
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com