Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2251YML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2251YML
Description  High-Efficiency Low EMI Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2251YML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2251YML Datasheet HTML 5Page - Micrel Semiconductor MIC2251YML Datasheet HTML 6Page - Micrel Semiconductor MIC2251YML Datasheet HTML 7Page - Micrel Semiconductor MIC2251YML Datasheet HTML 8Page - Micrel Semiconductor MIC2251YML Datasheet HTML 9Page - Micrel Semiconductor MIC2251YML Datasheet HTML 10Page - Micrel Semiconductor MIC2251YML Datasheet HTML 11Page - Micrel Semiconductor MIC2251YML Datasheet HTML 12Page - Micrel Semiconductor MIC2251YML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC2251
February 2011
10
M9999-021511-A
current limit for the MIC2251 is typically 2A. The
saturation current rating of the selected inductor should
be 20-30% higher than the 2A specification for proper
operation.
Figure 2. Efficiency Comparison between Lower
and Higher Inductor Values
Input Capacitor
The boost converter exhibits a triangular current
waveform at its input, so an input capacitor is required to
decouple this waveform and thereby reduce the input
voltage ripple. A 10uF to 22uF ceramic capacitor should
be sufficient for most applications. A minimum input
capacitance of 1uF is recommended. The input capacitor
should be as close as possible to the inductor and the
MIC2251, with short PCB traces for good noise
performance.
Output Capacitor
Output capacitor selection is also a trade-off between
performance, size, and cost. Increasing COUT will lead to
an improved transient response however the size and
cost also increase. X5R and X7R ceramic capacitors are
recommended. For most applications, 2.2uF to 22uF
should be sufficient.
Diode
The MIC2251 requires an external diode for operation.
The diode must be rated for the peak inductor current,
and its reverse voltage rating must be greater than the
output voltage. A Schottky diode is recommended for
lower output voltages due to its lower forward voltage
drop and reverse recovery time. However, at higher
output voltages (>10V), a high speed diode such as
LS4148 can be more efficient as it has the advantage of
considerably lower leakage currents, especially at higher
temperatures. This will greatly improve light load
efficiency when compared to a Schottky diode.
For example: At 70
oC ambient temperature, V
IN = 2.5V,
VOUT= 24V at no load.
Input current (Vishay SL04 Schottky) = 2.1mA
Input current (Generic LS4148) = 0.37mA


Similar Part No. - MIC2251YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2251YML MICREL-MIC2251YML Datasheet
875Kb / 14P
   High-Efficiency Low EMI Boost Regulator
More results

Similar Description - MIC2251YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
   High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250 Datasheet
528Kb / 13P
   High Efficiency Low EMI Boost Regulator
MIC2251_1105 MICREL-MIC2251_1105 Datasheet
875Kb / 14P
   High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
   High-Efficiency Low EMI Boost Regulator
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
   High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Intersil Corporation
ISL9120IR INTERSIL-ISL9120IR Datasheet
433Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
February 2, 2016
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com