Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2204YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2204YML
Description  High-Efficiency 2MHz Synchronous Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2204YML Datasheet HTML 1Page - Micrel Semiconductor MIC2204YML Datasheet HTML 2Page - Micrel Semiconductor MIC2204YML Datasheet HTML 3Page - Micrel Semiconductor MIC2204YML Datasheet HTML 4Page - Micrel Semiconductor MIC2204YML Datasheet HTML 5Page - Micrel Semiconductor MIC2204YML Datasheet HTML 6Page - Micrel Semiconductor MIC2204YML Datasheet HTML 7Page - Micrel Semiconductor MIC2204YML Datasheet HTML 8Page - Micrel Semiconductor MIC2204YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
April 2005
5
M9999-042205
MIC2204
Micrel, Inc.
Functional Characteristics
Enable Transient
TIME (40µs/div.)
V
IN = 3.6V
V
OUT = 1V
L = 4.7µH
C = 10µF
Disable Transient
TIME (40µs/div.)
V
IN = 3.6V
V
OUT = 1V
L = 4.7µH
C = 10µF
I
OUT = 500mA
Line Transient
TIME (200µs/div.)
V
OUT = 1V
L = 4.7µH
C = 10µF
I
OUT = 500mA
Load Transient
TIME (20µs/div.)
V
IN = 3.6V
V
OUT = 2V
L = 4.7µH
C = 4.7µF
Switch Node Output Ripple
TIME (400ns/div.)
I
OUT = 500mA
L = 4.7µHC = 10µF X5R
V
IN = 3.6V
V
OUT = 1V


Similar Part No. - MIC2204YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204YMM MICREL-MIC2204YMM Datasheet
112Kb / 11P
   High-Efficiency 2MHz Synchronous Buck Converter
More results

Similar Description - MIC2204YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
   High-Efficiency 2MHz Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
   HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Micrel Semiconductor
MIC2202 MICREL-MIC2202_07 Datasheet
571Kb / 19P
   High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
logo
ACE Technology Co., LTD...
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
   2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
   1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
   1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
   1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com