Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2196 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2196_08 Datasheet HTML 2Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 3Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 4Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 5Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 6Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 7Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 8Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 9Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
MIC2196
September 2008
6
M9999-092908
Functional Diagram
Osc
Error
Amplifier
0.11V
D1
L1
CIN
fs/4
VIN
Control
Bias
PWM
Comparator
VREF
VDD
GND
Overcurrent
Comparator
Frequency
Foldback
fs/4
Overcurrent Reset
Corrective
Ramp
On
Gain = 3.7
CS
4
OUTN
7
V
IN
8
V
fb
6
GND
2
V
DD
5
COMP
2
EN/UVLO
3
gm = 0.0002
Gain = 20
0.3V
100k
R2
R1
RSENSE
COUT
VOUT
VREF
CDECOUP
VDD
Figure 1. MIC2196 Block Diagram


Similar Part No. - MIC2196_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196BM MICREL-MIC2196BM Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
MIC2196YM MICREL-MIC2196YM Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
More results

Similar Description - MIC2196_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196 MICREL-MIC2196 Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
   400kHz SO-8 Buck Control IC
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
   400kHz SO-8 Buck Control IC
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
   400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
logo
Shenzhen Huazhimei Semi...
HM3800S HMSEMI-HM3800S Datasheet
783Kb / 27P
   BOOST CONVERT CONTROL IC
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
   SOT-23 Boost PFC Control IC
logo
Infineon Technologies A...
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
   Boost PFC and SMPS Control IC
2015-9-2
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com