Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F56217BDBG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F56217BDBG
Description  100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56217BDBG Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F56217BDBG Datasheet HTML 3Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 4Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 5Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 6Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 7Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 8Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 9Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 10Page - Renesas Technology Corp R5F56217BDBG Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
RX62N Group and RX621 Group
16-Bit SDRAM Connection and Access Examples
R01AN0585EJ0202 Rev.2.02
Page 7 of 22
Feb 14, 2014
4.3
Auto Refresh Settings
In this application note, auto refresh is performed for the SDRAM used. Auto refresh must be performed while
observing the auto refresh required interval and auto refresh release cycles as stipulated in the SDRAM data sheet. The
methods for determining the setting values are shown below. Table 5 lists the setting values used.
(1) Auto refresh required interval
The auto refresh required interval can be determined with the following formula.
RFC (auto refresh required interval setting) = (auto refresh required interval/SDCLK period) – 1
Since the SDRAM used in this application note requires that 4096 auto refresh operations be performed every 64 ms,
the auto refresh interval can be determined from the following formula.
Auto refresh required interval = 64 ms/4096
= 15.62 µs
Also, since the SDRAM clock (SDCLK) frequency used in the application note is 48 MHz, the SDCLK period is
1/48 MHz.
Therefore,
RFC (auto refresh required interval setting) = (15.62 µs/(1/48 MHz)) – 1
= 749
= 2EDh
Therefore the auto refresh required interval setting bits (RFC[11:0]) are set to 2EDh.
(2) Auto refresh release cycle
Since the auto refresh period (tRFC) for the SDRAM used in this application note is 66 ns (minimum), the auto
refresh release cycle must meet the following condition.
66 ns (min)
≤ auto refresh release cycle
Since this means that this cycle will be
66 ns/(1/48 MHz) = 3.17 cycles
an auto refresh release cycle count of at least 4 cycles is required.
Therefore the auto refresh release cycle setting bits (REFW[3:0]) are set to 0011b.
Table 5
SDRAM Auto Refresh Control Register (SDRFCR)
Bit Name
Setting Value
Function
Auto refresh required interval setting bits
(RFC[11:0])
02EDh
749 cycles
Auto refresh cycle/auto refresh release cycle
setting bits (REFW[3:0])
0011b
4 cycles


Similar Part No. - R5F56217BDBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T6BDFF RENESAS-R5F562T6BDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F56217BDBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com