Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F71610A Datasheet(PDF) 7 Page - Feature Integration Technology Inc.

Part # F71610A
Description  USB CIR Chip with RC6 and QP Protocol
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71610A Datasheet(HTML) 7 Page - Feature Integration Technology Inc.

Back Button F71610A Datasheet HTML 3Page - Feature Integration Technology Inc. F71610A Datasheet HTML 4Page - Feature Integration Technology Inc. F71610A Datasheet HTML 5Page - Feature Integration Technology Inc. F71610A Datasheet HTML 6Page - Feature Integration Technology Inc. F71610A Datasheet HTML 7Page - Feature Integration Technology Inc. F71610A Datasheet HTML 8Page - Feature Integration Technology Inc. F71610A Datasheet HTML 9Page - Feature Integration Technology Inc. F71610A Datasheet HTML 10Page - Feature Integration Technology Inc. F71610A Datasheet HTML 11Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
June, 2009
V0.20P
-4-
F71610A
6. Function Description
6.1 USB function
The F71610A communications with host by full-speed USB interface (12Mb/s). It supports 3
suits endpoint, one control endpoint( endpoint zero) is for bus enumeration, one output endpoint is
for Microsoft Windows Vista / 7 IR Receiver Emulation Device command and one input endpoint is
transmit IR information to host.
Endpoint zero is special significance in USB system. It is a control endpoint, and is required by
every device. Only control endpoint accept special setup token that the host transfer command to
device.
During enumeration, host requests GET_DESCRIPTOR to device and device return
information (over in endpoint zero) as what device driver top load. The below table is about F71610A
descriptor.
offset
Field
size
Value
0
BLength
1
0x12
1
bDescriptor Type
1
0x01
2
BcdUSB
2
0x0200
4
bDeviceClass
1
0x00
5
bDeviceSubClass
1
0x00
6
bDeviceProtocol
1
0x00
7
bMaxPacketSize
1
0x10
8
IdVendor
2
0x1934
10
IdProduct
2
0x5168
12
BcdDevice
2
0x0000
14
Manufacturer
1
0x01
15
IProduct
1
0x02
16
iSerialNumber
1
0x03
17
bNumConfiguration
1
0x01
Table 6-1 Device Descriptor
offset
Field
size
Value
0
BLength
1
0x09
1
bDescriptor Type
1
0x02
2
wTotalLength
2
0x0020
4
bNumInterface
1
0x01
5
bConfigurationValue
1
0x01
6
iConfiguration
1
0x00
7
BmAttributes
1
0xa0
8
MaxPower
1
0x32
Table 6-2 Configuration Descriptor


Similar Part No. - F71610A

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71610 FINTEK-F71610 Datasheet
368Kb / 15P
   USB CIR Chip for Vista (Receive Only)
F71610R FINTEK-F71610R Datasheet
368Kb / 15P
   USB CIR Chip for Vista (Receive Only)
More results

Similar Description - F71610A

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71612A FINTEK-F71612A Datasheet
475Kb / 17P
   USB CIR Chip with RC6 and QP Protocol
F71612 FINTEK-F71612 Datasheet
422Kb / 17P
   USB CIR Chip for Vista
logo
Keysight Technologies
N5464B KEYSIGHT-N5464B Datasheet
3Mb / 9P
   USB and HSIC Protocol
logo
Feature Integration Tec...
F71610 FINTEK-F71610 Datasheet
368Kb / 15P
   USB CIR Chip for Vista (Receive Only)
logo
Keysight Technologies
N8840A KEYSIGHT-N8840A Datasheet
3Mb / 18P
   USB Power Delivery Electrical and Protocol
N8821A KEYSIGHT-N8821A Datasheet
2Mb / 9P
   USB 3.1 Protocol Triggering and Decode
N8837A KEYSIGHT-N8837A Datasheet
1Mb / 11P
   USB-PD Protocol Triggering
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
logo
SMSC Corporation
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
   5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com