Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2182-5.0YM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2182-5.0YM
Description  High-Efficiency Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182-5.0YM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2182-5.0YM Datasheet HTML 1Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 2Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 3Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 4Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 5Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 6Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 7Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 8Page - Micrel Semiconductor MIC2182-5.0YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
April 22, 2004
3
M9999-042204
MIC2182
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
1
SS
Soft-Start (External Component): Connect external capacitor to ground to
reduce inrush current by delaying and slowing the output voltage rise time.
Rise time is controlled by an internal 5
µA current source that charges an
external capacitor to V
DD.
2
PWM
PWM/Skip-Mode Select (Input): Low sets PWM-mode operation. 1nF
capacitor to ground sets automatic PWM/skip-mode selection.
3
COMP
Compensation (Output): Internal error amplifier output. Connect to capacitor
or series RC network to compensate the regulator control loop.
4
SGND
Small Signal Ground (Return): Route separately from other ground traces to
the (–) terminal of C
OUT.
5
SYNC
Frequency Synchronization (Input): Optional. Connect to external clock
signal to synchronize the oscillator. Leading edge of signal above the
threshold terminates the switching cycle. Connect to SGND if unused.
6
EN/UVLO
Enable/Undervoltage Lockout (Input): Low-level signal powers down the
controller. Input below the 2.5V threshold disables switching and functions
as an accurate undervoltage lockout (UVLO). Input below the threshold
forces complete micropower (< 0.1
µA) shutdown.
7 (fixed)
VREF
Reference Voltage (Output): 1.245V output. Requires 0.1
µf capacitor to
ground.
7 (adj)
FB
Feedback (Input): Regulates FB pin to 1.245V. See “Application Information”
for resistor divider calculations.
8
CSH
Current-Sense High (Input): Current-limit comparator noninverting input. A
built-in offset of 100mV between CSH and V
OUT pins in conjunction with the
current-sense resistor set the current-limit threshold level. This is also the
positive input to the current sense amplifier.
9
VOUT
Current-Sense Low (Input): Output voltage feedback input and inverting
input for the current limit comparator and the current sense amplifier.
10
VIN
[Battery] Unregulated Input (Input): +4.5V to +32V supply input.
11
VDD
5V Internal Linear-Regulator (Output): V
DD is the external MOSFET gate
drive supply voltage and an internal supply bus for the IC. Bypass to SGND
with 4.7
µF. V
DD can supply up to 5mA for external loads.
12
PGND
MOSFET Driver Power Ground (Return): Connects to source of synchro-
nous MOSFET and the (–) terminal of C
IN
13
LSD
Low-Side Drive (Output): High-current driver output for external synchronous
MOSFET. Voltage swing is between ground and V
DD.
14
BST
Boost (Input): Provides drive voltage for the high-side MOSFET driver. The
drive voltage is higher than the input voltage by V
DD minus a diode drop.
15
VSW
Switch (Return): High-side MOSFET driver return.
16
HSD
High-Side Drive (Output): High-current driver output for high-side MOSFET.
This node voltage swing is between ground and V
IN + 5V – Vdiode drop.


Similar Part No. - MIC2182-5.0YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182-5.0YM-TR MICROCHIP-MIC2182-5.0YM-TR Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
More results

Similar Description - MIC2182-5.0YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com