Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562N7ADLE Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F562N7ADLE
Description  100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562N7ADLE Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F562N7ADLE Datasheet HTML 5Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 6Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 7Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 8Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 9Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 10Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 11Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 12Page - Renesas Technology Corp R5F562N7ADLE Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RX62N Group and RX621 Group
16-Bit SDRAM Connection and Access Examples
R01AN0585EJ0202 Rev.2.02
Page 9 of 22
Feb 14, 2014
4.4
SDRAM Timing Settings
In this application note, the access timings are set to match the specifications of the SDRAM used. It is necessary to
observe the access timings stipulated in the SDRAM data sheet when accessing SDRAM. The methods for determining
the setting values are shown below. Table 6 lists the setting values used.
(1) SDRAMC column latency setting
Since the SDRAM used in this application note can be operated with a CAS latency of from 1 to 3 cycles, in this
application note, the CAS latency is set to 3 cycles.
Therefore the SDRAMC column latency setting bits (CL[2:0]) are set to 011b.
(2) Write recovery period setting
Since the SDRAM used in this application note has a write recovery period (tWR) of 28.3 ns (minimum), the
SDRAMC write recovery period is set to meet the following condition
28.3 ns (min)
≤ write recovery period
Since
28.3 ns/(1/48 MHz) = 1.36 cycles,
A write recovery period of at least 2 cycles is required.
Therefore the write recovery period setting bit (WR) is set to 1b.
(3) Row precharge period setting
Since the SDRAM used in this application note has a row precharge period (tRP) of 20 ns (minimum), the
SDRAMC row precharge period must meet the following condition.
20 ns (min)
≤ row precharge period
Since
20 ns/(1/48 MHz) = 0.96 cycles,
a row precharge period of at least 1 cycle is required.
Therefore the row precharge period setting bits (RP[2:0]) are set to 000b.
(4) Row active period setting
Since the SDRAM used in this application note has a period (tRAS) from an active command to a precharge
command of 44 ns (minimum), the SDRAMC row active period will be:
44 ns (min)
≤ row active period
Since
44 ns/(1/48 MHz) = 2.11 cycles,
a row active period of at least 3 cycles is required.
Therefore the row active period setting bits (RAS[2:0]) are set to 010b.
Note that the SDRAMC row active period setting bits must be set so that the following stipulation is observed.
Row active period
≤ row column latency + SDRAC column latency


Similar Part No. - R5F562N7ADLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T6BDFF RENESAS-R5F562T6BDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562N7ADLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com