Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562N8ADLE Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F562N8ADLE
Description  100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562N8ADLE Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F562N8ADLE Datasheet HTML 6Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 7Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 8Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 9Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 10Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 11Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 12Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 13Page - Renesas Technology Corp R5F562N8ADLE Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
RX62N Group and RX621 Group
16-Bit SDRAM Connection and Access Examples
R01AN0585EJ0202 Rev.2.02
Page 10 of 22
Feb 14, 2014
(5) Row column latency setting
Since the SDRAM used in this application note has a delay time (tRCD) of 20 ns (minimum) from the point an
active command is issued until a read/write command is issued, the SDRAMC row column latency will be:
20 ns (min)
≤ row column latency
Since
20 ns/(1/48 MHz) = 0.96 cycles,
A row column latency of at least 1 cycle must be set.
To observe stipulations on the SDRAMC row active period setting bits, the following condition must be observed.
Row active period
≤ row column latency + SDRAMC column latency
In this application note, the row active period is set to 3 cycles and the SDRAMC column latency is also set to 3
cycles. Here, we determined the row column latency setting cycles using the above formula.
Row column latency setting cycle count
≥ (3 cycles) – (3 cycles)
≥ 0 cycles
However, since the row column latency setting bits (RCD[1:0]) cannot be set to 0 cycles, in this application note,
this field is set to 1 cycle, or 00b.
Table 6
SDRAM Timing Register (SDTR)
Bit Name
Setting Value
Function
SDRAMC column latency setting bits (CL[2:0])
011b
3 cycles
Write recovery period setting bit (WR)
1b
2 cycles
Row precharge period setting bits (RP[2:0])
000b
1 cycle
Row active period setting bits (RAS[2:0])
010b
3 cycles
Row column latency setting bits (RCD[1:0])
00b
1 cycle
ACT
SDRAM command
PRA
Data bus
SDCLK
ACT: Bank active command
RD: Read command
PRA: All banks precharge command
DSL: Device deselect command
DSL
d0
RCD: 1 cycle
CL: 3 cycles
RP: 1 cycle
RAS: 3 cycles
Single read
RD
Figure 5 Read Timing


Similar Part No. - R5F562N8ADLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T6BDFF RENESAS-R5F562T6BDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562N8ADLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com