Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2179-3.3YSM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2179-3.3YSM
Description  1.5A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2179-3.3YSM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2179-3.3YSM Datasheet HTML 3Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 4Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 5Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 6Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 7Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 8Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 9Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 10Page - Micrel Semiconductor MIC2179-3.3YSM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
June 2009
7
M9999-063009
Micrel, Inc.
MIC2179
Functional Description
Micrel’s MIC2179 is a synchronous buck regulator that oper-
ates from an input voltage of 4.5V to 16.5V and provides a
regulated output voltage of 1.25V to 16.5V. Its has internal
power MOSFETs that supply up to 1.5A load current and
operates with up to 100% duty cycle to allow low-dropout
operation. To optimize efficiency, the MIC2179 operates in
PWM and skip mode. Skip mode provides the best efficiency
when load current is less than 150mA, while PWM mode is
more efficient at higher current. PWM or skip-mode opera-
tion is selected externally, allowing an intelligent system (i.e.
microprocessor controlled) to select the correct operating
mode for efficiency and noise requirements.
During PWM operation, the MIC2179 uses current-mode
control which provides superior line regulation and makes
the control loop easier to compensate. The PWM switching
frequency is set internally to 200kHz and can be synchronized
to an external clock frequency up to 300kHz. Other features
include a low-current shutdown mode, current limit, under-
voltage lockout, and thermal shutdown. See the following
sections for more detail.
Switch Output
The switch output (SW) is a half H-bridge consisting of a
high-sideP-channelandlow-sideN-channelpowerMOSFET.
TheseMOSFETshaveatypicalon-resistanceof150mΩwhen
the MIC2179 operates from a 12V supply. Antishoot-through
circuitry prevents the P-channel and N-channel from turning
on at the same time.
Current Limit
The MIC2179 uses pulse-by-pulse current limiting to protect
the output. During each switching period, a current limit com-
parator detects if the P-Channel current exceeds 4.3A. When
it does, the P-channel is turned off until the next switching
period begins.
Undervoltage Lockout
Undervoltage lockout (UVLO) turns off the output when the
input voltage (VIN) is to low to provide sufficient gate drive
for the output MOSFETs. It prevents the output from turning
on until VIN exceeds 4.3V. Once operating, the output will
not shut off until VIN drops below 4.2V.
Thermal Shutdown
Thermal shutdown turns off the output when the MIC2179
junction temperature exceeds the maximum value for safe
operation. After thermal shutdown occurs, the output will not
turn on until the junction temperature drops approximately
10°C.
Shutdown Mode
The MIC2179 has a low-current shutdown mode that is con-
trolled by the enable input (EN). When a logic 0 is applied
to EN, the MIC2179 is in shutdown mode, and its quiescent
current drops to less than 5µA.
Internal Bias Regulator
An internal 3.3V regulator provides power to the MIC2179
control circuits. This internal supply is brought out to the BIAS
pin for bypassing by an external 0.01µF capacitor. Do not
connect an external load to the BIAS pin. It is not designed
to provide an external supply voltage.
Frequency Synchronization
The MIC2179 operates at a preset switching frequency of
200kHz. It can be synchronized to a higher frequency by con-
necting an external clock to the SYNC pin. The SYNC pin is
a logic level input that synchronizes the oscillator to the rising
edge of an external clock signal. It has a frequency range of
220kHz to 300kHz, and can operate with a minimum pulse
width of 500ns. If synchronization is not required, connect
SYNC to ground.
Power Good Flag
The power good flag (PWRGD) is an error flag that alerts a
system when the output is not in regulation. When the output
voltage is 10% below its nominal value, PWRGD is logic low,
signaling that VOUTis to low. PWRGD is an open-drain output
that can sink 1mA from a pull-up resistor connected to VIN.
Low-Dropout Operation
Output regulation is maintained in PWM or skip mode even
when the difference between VIN and VOUT decreases below
1V. As VIN – VOUT decreases, the duty cycle increases until
it reaches 100%. At this point, the P-channel is kept on for
several cycles at a time, and the output stays in regulation
until VIN – VOUT falls below the dropout voltage (dropout
voltage = P-channel on-resistance × load current).
PWM-Mode Operation
Refer to “PWM Mode Functional Diagram” which is a simpli-
fied block diagram of the MIC2179 operating in PWM mode
and its associated waveforms.
When operating in PWM mode, the output P-channel and N-
channel MOSFETs are alternately switched on at a constant
frequency and variable duty cycle. A switching period begins
when the oscillator generates a reset pulse. This pulse resets
the RS latch which turns on the P-channel and turns off the
N-channel. During this time, inductor current (IL1) increases
and energy is stored in the inductor. The current sense ampli-
fier (ISENSE Amp) measures the P-channel drain-to-source
voltage and outputs a voltage proportional to IL1. The output
of ISENSE Amp is added to a sawtooth waveform (corrective
ramp) generated by the oscillator, creating a composite wave-
form labeled ISENSE on the timing diagram. When ISENSE is
greater than the error amplifier output, the PWM comparator
will set the RS latch which turns off the P-channel and turns
on the N-channel. Energy is then discharged from the induc-
tor and IL1 decreases until the next switching cycle begins.
By varying the P-channel on-time (duty cycle), the average
inductor current is adjusted to whatever value is required to
regulate the output voltage.
The MIC2179 uses current-mode control to adjust the duty
cycle and regulate the output voltage. Current-mode control
has two signal loops that determine the duty cycle. One is an
outer loop that senses the output voltage, and the other is
a faster inner loop that senses the inductor current. Signals
from these two loops control the duty cycle in the following
way: VOUT is fed back to the error amplifier which compares
the feedback voltage (VFB) to an internal reference voltage


Similar Part No. - MIC2179-3.3YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179-3.3BSM MICREL-MIC2179-3.3BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
More results

Similar Description - MIC2179-3.3YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
   EZBuck??1.5A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
   1.5MHz, 1.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
   1.5A, Dual High Performance Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com