Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2179YSM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2179YSM
Description  1.5A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2179YSM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2179YSM Datasheet HTML 1Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 2Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 3Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 4Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 5Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 6Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 7Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 8Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC2179
June 2009
4
M9999-063009
Symbol
Parameter
Condition
Min
Typ
Max
Units
Enable Threshold
0.8
1.6
2.2
V
IEN
Enable Leakage
VEN = 0V to 5.5V
–1
0.01
1
µA
PWM Threshold
0.6
1.1
1.4
V
IPWM
PWM Leakage
VPWM = 0V to 5.5V
–1
0.01
1
µA
PWRGD Threshold
MIC2179 [adj.]: measured at FB pin
1.09
1.13
1.17
V
MIC2179-5.0: measured at FB pin
4.33
4.54
4.75
V
MIC2179-3.3: measured at FB pin
2.87
3.00
3.13
V
PWRGD Output Low
ISINK = 1.0mA
0.25
0.4
V
PWRGD Off Leakage
VPWRGD = 5.5V
0.01
1
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Specification for packaged product only.
General. Devices are ESD sensitive. Handling precautions recommended.


Similar Part No. - MIC2179YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-3.3BSM MICREL-MIC2179-3.3BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-5.0BSM MICREL-MIC2179-5.0BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179BSM MICREL-MIC2179BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
More results

Similar Description - MIC2179YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
   EZBuck??1.5A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
   1.5MHz, 1.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
   1.5A, Dual High Performance Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com