Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2179YSM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2179YSM
Description  1.5A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2179YSM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2179YSM Datasheet HTML 1Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 2Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 3Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 4Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 5Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 6Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 7Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 8Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
June 2009
3
M9999-063009
Micrel, Inc.
MIC2179
Electrical Characteristics(3)
VIN = 7.0V; TA = 25°C, bold indicates –40°C ≤ TA ≤ 85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISS
Input Supply Current
PWM mode, output not switching,
1.0
1.5
mA
4.5V ≤ VIN ≤ 16.5V
skip mode, output not switching,
600
750
µA
4.5V ≤ VIN ≤ 16.5V
VEN = 0V, 4.5V ≤ VIN ≤ 16.5V
1
25
µA
VBIAS
Bias Regulator Output Voltage
VIN = 16.5V
3.10
3.30
3.4
V
VFB
Feedback Voltage
MIC2179 [adj.]: VOUT = 3.3V, ILOAD = 0
1.22
1.245
1.27
V
VOUT
Output Voltage
MIC2179 [adj.]: VOUT = 3.3V,
3.20
3.3
3.40
V
5V ≤ VIN ≤ 16V, 10mA ≤ ILOAD ≤ 1A
3.14
3.46
V
MIC2179-5.0: ILOAD = 0
4.85
5.0
5.15
V
MIC2179-5.0:
4.85
5.0
5.15
6V ≤ VIN ≤ 16V, 10mA ≤ ILOAD ≤ 1A
4.75
5.25
V
MIC2179-3.3: ILOAD = 0
3.20
3.3
3.40
V
MIC2179-3.3:
3.20
3.3
3.40
V
5V ≤ VIN ≤ 16V, 10mA ≤ ILOAD ≤ 1A
3.14
3.46
V
VTH
Undervoltage Lockout
upper threshold
4.25
4.35
V
VTL
lower threshold
3.90
4.15
V
IFB
Feedback Bias Current
MIC2179 [adj.]
60
150
nA
MIC2179-5.0, MIC2179-3.3
20
40
µA
AVOL
Error Amplifier Gain
0.6V ≤ VCOMP ≤ 0.8V
15
18
20
Error Amplifier Output Swing
upper limit
0.9
1.5
V
lower limit
0.05
0.1
V
Error Amplifier Output Current
source and sink
15
25
35
µA
fO
Oscillator Frequency
160
200
240
kHz
DMAX
Maximum Duty Cycle
VFB = 1.0V
100
%
tON min
Minimum On-Time
VFB = 1.5V
300
400
ns
SYNC Frequency Range
220
300
kHz
SYNC Threshold
0.8
1.6
2.2
V
SYNC Minimum Pulse Width
500
ns
ISYNC
SYNC Leakage
VSYNC = 0V to 5.5V
–1
0.01
1
µA
ILIM
Current Limit
PWM mode, VIN = 12V
3.4
4.3
5.5
A
skip mode
600
mA
RON
Switch On-Resistance
high-side switch, VIN = 12V
160
350
low-side switch, VIN = 12V
140
350
ISW
Output Switch Leakage
VSW = 16.5V
1
10
µA
Absolute Maximum Ratings(1)
Supply Voltage [100ms transient] (VIN) .........................18V
Output Switch Voltage (VSW)...................................................18V
Output Switch Current (ISW)......................................... 6.0A
Enable, PWM Control Voltage (VEN, VPWM)..................18V
Sync Voltage (VSYNC)......................................................6V
Operating Ratings(2)
Supply Voltage (VIN).......................................4.5V to 16.5V
Junction Temperature Range (TJ) ............ –40°C to +125°C


Similar Part No. - MIC2179YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-3.3BSM MICREL-MIC2179-3.3BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-5.0BSM MICREL-MIC2179-5.0BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179BSM MICREL-MIC2179BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
More results

Similar Description - MIC2179YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
   EZBuck??1.5A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
   1.5MHz, 1.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
   1.5A, Dual High Performance Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com