Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2182 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2182_04 Datasheet HTML 6Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 7Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 8Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 9Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 10Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 11Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 12Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 13Page - Micrel Semiconductor MIC2182_04 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MIC2182
Micrel
M9999-042204
10
April 22, 2004
Functional Description
See “Applications Information” following this section for com-
ponent selection information and Figure 14 and Tables 1
through 5 for predesigned circuits.
The MIC2182 is a BiCMOS, switched-mode, synchronous
step-down (buck) converter controller. Current-mode control
is used to achieve superior transient line and load regulation.
An internal corrective ramp provides slope compensation for
stable operation above a 50% duty cycle. The controller is
optimized for high-efficiency, high-performance dc-dc con-
verter applications.
The MIC2182 block diagrams are shown in Figure 2a and
Figure 2b.
The MIC2182 controller is divided into 6 functions.
• Control loop
- PWM operation
- Skip-mode operation
• Current limit
• Reference, enable, and UVLO
• MOSFET gate drive
• Oscillator and sync
• Soft start
Control Loop
PWM and Skip Modes of Operation
The MIC2182 operates in PWM (pulse-width-modulation)
mode at heavier output load conditions. At lighter load condi-
tions, the controller can be configured to automatically switch
to a pulse-skipping mode to improve efficiency. The potential
disadvantage of skip mode is the variable switching fre-
quency that accompanies this mode of operation. The occur-
rence of switching pulses depends on component values as
well as line and load conditions. There is an external sync
function that is disabled in skip mode. In PWM mode, the
synchronous buck converter forces continuous current to
flow in the inductor. In skip mode, current through the inductor
can settle to zero, causing voltage ringing across the induc-
tor. Pulling the PWM pin (pin 2) low will force the controller to
operate in PWM mode for all load conditions, which will
improve cross regulation of transformer-coupled, multiple
output configurations.
PWM Control Loop
The MIC2182 uses current-mode control to regulate the
output voltage. This method senses the output voltage (outer
loop) and the inductor current (inner loop). It uses inductor
current and output voltage to determine the duty cycle of the
buck converter. Sampling the inductor current removes the
inductor from the control loop, which simplifies compensa-
tion.
Current
Sense
Amp
Error
Amp
VIN
VDD
CORRECTIVE
RAMP
PWM
COMPARATOR
RESET
Reference
Oscillator
11
14
10
16
15
13
12
8
9
7
3
COMP
100k
MIC2182 [adj.] PWM Mode
FB
R2
R1
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7
µF
V
1.245V
R1
R2
OUT =+


1
S
R
Q
CONTROL LOGIC AND
PULSE-WIDTH MODULATOR
RCS
Gm = 0.2×10
-3
AV = 2
0.024V
PWM Mode
to Skip
Mode
LOW
FORCES
SKIP MODE
Figure 3. PWM Operation


Similar Part No. - MIC2182_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182-3.3BM MICREL-MIC2182-3.3BM Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
MIC2182-3.3BSM MICREL-MIC2182-3.3BSM Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Microchip Technology
MIC2182-3.3YM MICROCHIP-MIC2182-3.3YM Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
MIC2182-3.3YSM MICROCHIP-MIC2182-3.3YSM Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Micrel Semiconductor
MIC2182-5.0BM MICREL-MIC2182-5.0BM Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
More results

Similar Description - MIC2182_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com