Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2179 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2179
Description  1.5A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2179 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2179_09 Datasheet HTML 1Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 2Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 3Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 4Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 5Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 6Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 7Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 8Page - Micrel Semiconductor MIC2179_09 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
June 2009
5
M9999-063009
Micrel, Inc.
MIC2179
Typical Characteristics
175
180
185
190
195
200
205
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Oscillator Frequency
vs. Temperature
1.238
1.240
1.242
1.244
1.246
1.248
1.250
1.252
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
MIC2179 [adj.]
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
MIC2179-3.3
4.970
4.980
4.990
5.000
5.010
5.020
5.030
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
MIC2179-5.0
16.0
16.5
17.0
17.5
18.0
18.5
19.0
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Error-Amplifier Gain
vs. Temperature
0
20
40
60
80
100
120
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Feedback Input Bias Current
vs. Temperature
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Current Limit
vs. Temperature
0
50
100
150
200
250
300
350
2
10 12 14 16 18
INPUT VOLTAGE (V)
High-Side Switch
On-Resistance
125°C
85°C
25°C
0°C
4 6 8
0
50
100
150
200
250
300
350
400
2
10 12 14 16 18
INPUT VOLTAGE (V)
Low-Side Switch
On-Resistance
125°C
85°C
25°C
0°C
4
6
8
0
2
4
6
8
10
12
2
10 12 14 16 18
INPUT VOLTAGE (V)
PWM-Mode
Supply-Current
OUTPUT
SWITCHING
4
6
8
60
65
70
75
80
85
90
95
10
100
600
OUTPUT CURRENT (mA)
5.4V
PWM
8.4V
PWM
8.4V
Skip
5.4V
Skip
Skip- and PWM-Mode
Efficiency


Similar Part No. - MIC2179_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179-3.3BSM MICREL-MIC2179-3.3BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-5.0BSM MICREL-MIC2179-5.0BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179BSM MICREL-MIC2179BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
More results

Similar Description - MIC2179_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
   EZBuck??1.5A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
   1.5MHz, 1.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
   1.5A, Dual High Performance Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com