Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2172 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2172_06 Datasheet HTML 3Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 4Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 5Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 6Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 7Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 8Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 9Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 10Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel
MIC2172/3172
April 2006
7
M9999-041806
(408) 955-1690
Typical Characteristics


Similar Part No. - MIC2172_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results

Similar Description - MIC2172_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
   100kHz 1.25A Switching Regulators Preliminary Information
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
   1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Linear Technology
LT1572 LINER-LT1572_15 Datasheet
233Kb / 12P
   100kHz, 1.25A Switching Regulator with Catch Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com