Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2171WT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2171WT
Description  100kHz 2.5A Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171WT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2171WT Datasheet HTML 4Page - Micrel Semiconductor MIC2171WT Datasheet HTML 5Page - Micrel Semiconductor MIC2171WT Datasheet HTML 6Page - Micrel Semiconductor MIC2171WT Datasheet HTML 7Page - Micrel Semiconductor MIC2171WT Datasheet HTML 8Page - Micrel Semiconductor MIC2171WT Datasheet HTML 9Page - Micrel Semiconductor MIC2171WT Datasheet HTML 10Page - Micrel Semiconductor MIC2171WT Datasheet HTML 11Page - Micrel Semiconductor MIC2171WT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel, Inc.
MIC2171
May 2007
9
M9999-051107
For the practical example:
VCE = 65V max. for the MIC2171
FCE = 0.8
VSEC = 5.6V
then:
5.6
6.0
0.8
65
a
×
a ≤ 8.2 (NPRI/NSEC)
Next, calculate the maximum primary inductance
required to store the needed output energy with a power
switch duty cycle of 55%.
(10)
OUT
2
ON
2
IN(min)
SW
PRI
P
T
V
0.5f
L
where:
LPRI = maximum primary inductance
fSW = device switching frequency (100kHz)
VIN(min) = minimum input voltage
TON = power switch on time
then:
2.5
)2
10
(7.4
(3.22)
10
1
0.5
L
6
2
5
PRI
×
×
×
×
×
LPRI ≥ 11.4µH
Use a 12µH primary inductance to overcome circuit
inefficiencies.
To complete the design the inductance value of the
secondary is found which will guarantee that the energy
stored in the transformer during the power switch on
time will be completed discharged into the output during
the off-time. This is necessary when operating in
discontinuous-mode.
(11)
OUT
2
OFF
2
SEC
SW
SEC
P
T
V
0.5f
L
where:
LSEC = maximum secondary inductance
TOFF = power switch off time
then:
2.5
)
10
(2.6
(5.41)
10
1
0.5
L
2
6
2
5
SEC
×
×
×
×
×
LSEC ≤ 7.9µH
Finally, recalculate the transformer turns ratio to insure
that it is less than the value earlier found in equation (9).
(12)
SEC
PRI
L
L
a
then:
20
.
1
7.9
11.4
a
=
This ratio is less than the ratio calculated in equation (9).
When specifying the transformer it is necessary to know
the primary peak current which must be withstood
without saturating the transformer core.
(13)
PRI
ON
IN(min)
PEAK(pri)
L
T
V
I
=
so:
PRI
6
PEAK(pri)
L
10
7.6
3.22
I
×
×
=
IPEAK(pri) = 2.1A
Now find the minimum reverse voltage requirement for
the output rectifier. This rectifier must have an average
current rating greater than the maximum output current
of 0.5A.
(14)
a
F
a)
(V
V
V
BR
OUT
IN(max)
BR
+
where:
VBR = output rectifier maximum peak reverse
voltage rating
a = transformer turns ratio (1.2)
FBR = reverse voltage safety derating factor (0.8)
then:
1.2
0.8
1.2)
(5.0
6.0
VBR
×
×
+
VBR ≥ 12.5V
A 1N5817 will safely handle voltage and current require-
ments in this example.
Forward Converters
Micrel’s MIC2171 can be used in several circuit
configurations to generate an output voltage which is
less than the input voltage (buck or step-down topology).
Figure 6 shows the MIC2171 in a voltage step-down
application. Because of the internal architecture of these
devices, more external components are required to
implement a step-down regulator than with other devices
offered by Micrel (refer to the LM257x or MIC457x family
of buck switchers). However, for step-down conversion
requiring a transformer (forward), the MIC2171 is a good
choice.
A 12V to 5V step-down converter using transformer
isolation (forward) is shown in Figure 6. Unlike the
isolated flyback converter which stores energy in the
primary inductance during the controller’s on-time and
releases it to the load during the off-time, the forward
converter transfers energy to the output during the on-


Similar Part No. - MIC2171WT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2171WT MICROCHIP-MIC2171WT Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results

Similar Description - MIC2171WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
   2.5A POWER SWITCHING REGULATOR
June 2000
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
   1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
   Integrated Circuit Switching Regulator, 2.5A
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com