Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2171 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2171
Description  100kHz 2.5A Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2171_07 Datasheet HTML 1Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 2Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 3Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 4Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 5Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 6Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 7Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 8Page - Micrel Semiconductor MIC2171_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC2171
May 2007
2
M9999-051107
Ordering Information
Part Number
Standard
RoHS Compliant*
Temperature Range
Package
MIC2171BT
MIC2171WT
–40° to +85°C
5-Pin TO-220
MIC2171BU
MIC2171WU
–40° to +85°C
5-Pin TO-263
*RoHS compliant with "high-melting solder" exemption.
Pin Configuration
Tab GND
5IN
4SW
3GND
2FB
1COMP
Tab GND
5 IN
4SW
3GND
2FB
1COMP
5-Pin TO-220 (T)
5-Pin TO-263 (U)
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Frequency Compensation: Output of transconductance-type error amplifier.
Primary function is for loop stabilization. Can also be used for output voltage
soft-start and current limit tailoring.
2
FB
Feedback: Inverting input of error amplifier. Connect to external resistive divider
to set power supply output voltage.
3
GND
Ground: Connect directly to the input filter capacitor for proper operation (see
applications info).
4
SW
Power Switch Collector: Collector of NPN switch. Connect to external inductor
or input voltage depending on circuit topology.
5
IN
Supply Voltage: 3.0V to 40V


Similar Part No. - MIC2171_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171BT MICREL-MIC2171BT Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
MIC2171BU MICREL-MIC2171BU Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
logo
Microchip Technology
MIC2171WT MICROCHIP-MIC2171WT Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
MIC2171WU MICROCHIP-MIC2171WU Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
MIC2171WU-TR MICROCHIP-MIC2171WU-TR Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results

Similar Description - MIC2171_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
   2.5A POWER SWITCHING REGULATOR
June 2000
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
   1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
   Integrated Circuit Switching Regulator, 2.5A
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com