Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2077-1YWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2077-1YWM
Description  Quad USB Power Distribution Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2077-1YWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2077-1YWM Datasheet HTML 1Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 2Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 3Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 4Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 5Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 6Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 7Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 8Page - Micrel Semiconductor MIC2077-1YWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC2027/2077
September 2006
4
M9999-091506
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ............................................ –0.3V +6V
Fault Flag Voltage (VFLG)................................................+6V
Fault Flag Current (IFLG) ..............................................25mA
Output Voltage (VOUT) ....................................................+6V
Output Current (IOUT) .................................Internally Limited
Enable Input (IEN) .......................................... –0.3V VIN +3V
Lead Temperature (soldering, 5sec.) ......................... 260°C
Storage Temperature (TS).........................–65°C to +150°C
EDS Rating
(3).................................................................. 1kV
Operating Ratings
(2)
Supply voltage (VIN) ..................................... +2.7V to +5.5V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Range(TJ) ..................... Internally Limited
Thermal Resistance
[300 mil] Wide SOIC (
θ
JA)................................ 120°C/W
[150 mil] SOIC (
θ
JA) ......................................... 112°C/W
DIP (
θ
JA) .......................................................... 130°C/W
Electrical Characteristics
VIN = +5V; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
MIC20x7-1, VENA–D ≤ 0.8V
(switch off), OUT = open
1.5
10
µA
MIC20x7-2, VENA–D ≥ 2.4V
(switch off), OUT = open
1.5
10
µA
MIC20x7-1, VENA–D ≥ 2.4V
(switch on), OUT = open
200
320
µA
IDD
Supply Current
MIC20x7-2, VENA–D ≤ 0.8V
(switch on), OUT = open
200
320
µA
low-to-high transition
1.7
2.4
V
Enable Input Threshold
high-to-low transition
0.8
1.45
V
VEN
Enable Input Hysteresis
250
mV
Enable Input Current
VEN = 0V to 5.5V
–1
0.01
1
µA
IEN
Enable Input Capacitance
1
pF
VIN = 5V, IOUT = 500mA
100
150
m
RDS(on)
Switch Resistance
VIN = 3.3V, IOUT = 500mA
110
180
m
Output Leakage Current
MIC20x7-1, VENx ≤ 0.8V;
MIC20x7-2, VENx ≥ 2.4V, (output off)
10
µA
Output Current in
Latched Thermal Shutdown
MIC2077 (per Latch Output)
(during thermal shutdown state)
50
µA
tON
Output Turn-On Delay
RL = 10
Ω, CL = 1µF, see “Timing Diagrams”
1.3
5
ms
tR
Output Turn-On Rise Time
RL = 10
Ω, CL = 1µF, see “Timing Diagrams”
1.15
4.9
ms
tOFF
Output Turnoff Delay
RL = 10
Ω, CL = 1µF, see “Timing Diagrams”
35
100
µs
tF
Output Turnoff Fall Time
RL = 10
Ω, CL = 1µF, see “Timing Diagrams”
32
100
µs
ILIMIT
Short-Circuit Output Current
VOUT = 0V, enabled into short-circuit
0.5
0.9
1.25
A
Current-Limit Threshold
ramped load applied to output
1.0
1.25
A
Short-Circuit Response Time
VOUT = 0V to IOUT = ILIMIT
(short applied to output)
20
µs
VIN = 5V, apply VOUT = 0V until FLG low
1.5
3
7
ms
tD
Overcurrent Flag Response
Delay
VIN = 3.3V, apply VOUT = 0V until FLG low
3
ms


Similar Part No. - MIC2077-1YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2077-1BM MICREL-MIC2077-1BM Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
MIC2077-1BWM MICREL-MIC2077-1BWM Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
More results

Similar Description - MIC2077-1YWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
   HotSwitch??USB Power Distribution Switch
logo
National Semiconductor ...
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com