Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2169A Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2169A
Description  500kHz PWM Synchronous Buck Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2169A Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2169A_09 Datasheet HTML 1Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 2Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 3Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 4Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 5Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 6Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 7Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 8Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 2009
1
M9999-040609
MIC2169A
Micrel
MIC2169A
500kHz PWM Synchronous Buck Control IC
General Description
The MIC2169A is a high-efficiency, simple to use 500kHz
PWM synchronous buck control IC housed in a small MSOP-
10 package.The MIC2169Aallows compact DC/DC solutions
with a minimal external component count and cost.
The MIC2169A operates from a 3V to 14.5V input, without
the need of any additional bias voltage. The output voltage
can be precisely regulated down to 0.8V. The adaptive all
N-Channel MOSFET drive scheme allows efficiencies over
95% across a wide load range.
The MIC2169A senses current across the high-side N-
Channel MOSFET, eliminating the need for an expensive
and lossy current-sense resistor. Current limit accuracy is
maintained by a positive temperature coefficient that tracks
the increasing RDS(ON) of the external MOSFET. Further cost
and space are saved by the internal in-rush-current limiting
digital soft-start.
The MIC2169A is available in a 10-pin MSOP package, with
a wide junction operating range of –40°C to +125°C.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Typical Application
2.5H
3.3V
VIN = 5V
VDD
COMP/EN
VIN
CS
FB
GND
LSD
BST
1k
10k
4k
3.24k
4.7F
100F
0.1F
0.1F
100nF
IRF7821
SD103BWS
IRF7821
150pF
HSD
VSW
5
MIC2169A
0.1µF
1000pF
1.4
150F x 2
2
MIC2169A Adjustable Output 500kHz Converter
Features
• 3V to 14.5V input voltage range
• Adjustable output voltage down to 0.8V
• Up to 95% efficiency
• 500kHz PWM operation
• Adjustable current limit senses high-side N-Channel
MOSFET current
• No external current-sense resistor
• Adaptive gate drive increases efficiency
• Overvoltage protection protects the load in fault
conditions
• Dual mode current limit speeds up recovery time
• Hiccup mode short-circuit protection
• Internal soft-start
• Dual function COMP and EN pin allows low-power shut-
down
• Small size MSOP 10-lead package
Applications
• Point-of-load DC/DC conversion
• Set-top boxes
• Graphic cards
• LCD power supplies
• Telecom power supplies
• Networking power supplies
• Cable modems and routers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6 8 10 12 14 16
ILOAD (A)
MIC2169A Efficiency
VIN = 5V
VOUT = 3.3V


Similar Part No. - MIC2169A_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2169A-YMM MICREL-MIC2169A-YMM Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169ABMM MICREL-MIC2169ABMM Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169AYMM MICREL-MIC2169AYMM Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
More results

Similar Description - MIC2169A_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com