Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2044 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2044
Description  Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2044 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2044 Datasheet HTML 1Page - Micrel Semiconductor MIC2044 Datasheet HTML 2Page - Micrel Semiconductor MIC2044 Datasheet HTML 3Page - Micrel Semiconductor MIC2044 Datasheet HTML 4Page - Micrel Semiconductor MIC2044 Datasheet HTML 5Page - Micrel Semiconductor MIC2044 Datasheet HTML 6Page - Micrel Semiconductor MIC2044 Datasheet HTML 7Page - Micrel Semiconductor MIC2044 Datasheet HTML 8Page - Micrel Semiconductor MIC2044 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2005
1
MIC2044/2045
MIC2044/2045
Micrel
MIC2044/2045
Single Channel, High Current, Low Voltage,
Protected Power Distribution Switch
General Description
The MIC2044 and MIC2045 are high-side MOSFET switches
optimized for general purpose power distribution applications
that require circuit protection. These devices switch up to
5.5V and as low as 0.8V while offering both programmable
current limiting and thermal shutdown to protect the device
and the load. A fault status output is provided to indicate
overcurrent and thermal shutdown fault conditions. Both
devices employ soft-start circuitry to minimize the inrush
current in applications that employ highly capacitive loads.
Additionally, for tighter control over inrush current during start
up, the output slew-rate may be adjusted by an external
capacitor.
The MIC2045 features a auto-reset circuit breaker that latches
the output OFF upon detecting an overcurrent condition
lasting more than 32ms. The output is reset by removing or
reducing the load.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Typical Application
7, 11,
13, 16
8
2
3
6
4
15
9,12,14
1
5
RSET
100W
Note:
All VIN pins (7, 11, 13, 16) must be externally tied together.
All VOUT pins (9, 12, 14) must be externally tied together.
ILIMIT = 4A.
Output Power-Good = 3.0V.
*C4 is optional. See "Applications Information."
C4*
0.022mF
C1
0.1mF
Logic
Controller
ON/OFF
OVERCURRENT
IN
10
MIC2044-1BTS
MIC39100-2.5BS
VBIAS
VIN
EN
/FAULT
ILIM
SLEW
2.5V
VOUT
PGREF
PWRGD
UVLOIN
GND
R1
20kW
R2
294kW
1%
R3
24.3kW
1%
EN
IN
GND
OUT
CLOAD
33mF
VOUT
3.3V@ 3.5A
R4
20kW
(OPEN)
+3.3V
Power
Supply
OUT1
OUT2
C3
4.7mF
C2
0.1mF
Features
• 30mΩ maximum on-resistance
• 0.8V to 5.5V operating range
• Adjustable current limit
• Up to 6A continuous output current
• Short circuit protection
• Very fast reaction to short circuits
• Thermal shutdown
• Adjustable slew-rate control
• Circuit breaker mode (MIC2045)
• Fault status flag
• Power-Good detection
• Undervoltage lockout
• No reverse current flow through the switching MOSFET
when OFF or disabled
• Low quiescent current
Applications
• Docking stations
• LAN servers
• WAN switches
• Hot swap board insertions
• Notebook PCs
• PDAs
• Base stations
• RAID controllers
• USB hosts
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC2044

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2044 MICREL-MIC2044 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2044-1BTS MICREL-MIC2044-1BTS Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2044-2BTS MICREL-MIC2044-2BTS Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
More results

Similar Description - MIC2044

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
logo
Exar Corporation
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com