Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2012-2PZQS Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2012-2PZQS
Description  USB Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012-2PZQS Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2012-2PZQS Datasheet HTML 5Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 6Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 7Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 8Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 9Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 10Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 11Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 12Page - Micrel Semiconductor MIC2012-2PZQS Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
January 2005
9
MIC2012/2072
MIC2012
Micrel
1.50
1.75
2.00
2.25
2.50
2.75
3.00
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Output Reset Threshold
vs. Temperature
5.5V
AUX
V
AUX
= S3# = 4.5, 5.0, 5.5V
V
MAIN
= 5.0 V
(Output Latched Off –MIC2072)
V
OUT
Rising
5.0V
AUX
4.5V
AUX


Similar Part No. - MIC2012-2PZQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2012-2PZQS MICREL-MIC2012-2PZQS Datasheet
695Kb / 16P
   USB Power Controller
More results

Similar Description - MIC2012-2PZQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010_06 Datasheet
695Kb / 16P
   USB Power Controller
MIC2010 MICREL-MIC2010_05 Datasheet
1,020Kb / 13P
   USB Power Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
   USB Power Delivery Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
   USB Power Delivery 3.0 Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com