Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2040-1BMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2040-1BMM
Description  Single Channel Low Voltage Power Distribution Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2040-1BMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2040-1BMM Datasheet HTML 1Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2040-1BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2040/2041
Micrel
M9999-012004
2
January 2005
Pin Configuration
ILIM
VBIAS
6
5
1
EN
/FAULT
UVLOIN
GND
10 VOUT
VIN
VOUT
VIN
9
8
7
2
3
4
MIC2040/MIC2041
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1EN
Switch Enable Input: Gate control pin of the output MOSFET available as an
active high (–1) or active low (–2) input signal.
2
/FAULT
Fault Status Output: Open drain N-Channel device, active low. This pin
indicates an overcurrent, or thermal shutdown condition. For an overcurrent
event, /FAULT is asserted if the duration of the overcurrent condition lasts
longer than 28ms.
4
GND
Ground Connection: Tie to analog ground.
5
ILIM
Current Limit Set: A resistor, R
SET, connected to this pin sets the current
limit threshold as CLF/R
SET, where CLF is the current limit factor specified in
the electrical characteristics table. For the MIC2040/41, the continuous
output current range is 0.25A to 1.5A.
7, 9
VIN
Switch Input Supply: The drain of the output MOSFET. The range of input
for the switch is 0.8V to 5.5V. These pins must be externally connected
together.
8, 10
VOUT
Switch Output: The source of the output MOSFET. These pins must be
externally connected together.
6
VBIAS
Bias Supply Input: This input pin supplies bias to operate the switch with
range from 1.6V to 5.5V. When switching voltage (V
IN) is between 1.6V to
5.5V and the use of a single supply is desired, connect VBIAS to VIN
externally.
3
UVLOIN
Undervoltage Lockout Adjust Input: With this pin left open, the UVLO
threshold is internally set to 1.45V. When the switching voltage (V
IN) is at or
below 1.6V, connecting an external resistive divider to this input will lower
the UVLO threshold. The total resistance must be less than 200kΩ. See
“Applications Information” for further detail.


Similar Part No. - MIC2040-1BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BM MICREL-MIC2042-1BM Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BTS MICREL-MIC2042-1BTS Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1YM MICREL-MIC2042-1YM Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
More results

Similar Description - MIC2040-1BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com