Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC1232M Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC1232M
Description  關P Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1232M Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC1232M Datasheet HTML 1Page - Micrel Semiconductor MIC1232M Datasheet HTML 2Page - Micrel Semiconductor MIC1232M Datasheet HTML 3Page - Micrel Semiconductor MIC1232M Datasheet HTML 4Page - Micrel Semiconductor MIC1232M Datasheet HTML 5Page - Micrel Semiconductor MIC1232M Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
January 2006
3
MIC1232
MIC2755
Micrel, Inc.
Electrical Characteristics
VCC = 4.5V to 5.5V; TA = Operating Temperature Range, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
VCC
4.5
5.5
V
Supply Current
ICC, (Note 4)
18
40
µA
/ST and /PBRST Input Levels
VIH, (Note 5)
2.0
VCC+0.3
V
VIL
–0.3
0.8
V
Input Leakage
IIL
±1
µA
Output Souce Current, RST
VOH = 2.4V
1.0
10
mA
Output Sink Current, /RST. RST
VOL = 0.4V
2.0
10
mA
VCC 5% Trip Point (Reset
TOL = GND
4.5
4.62
4.74
V
Threshold Voltage)
VCC 10% Trip Point (Reset
TOL = VCC
4.25
4.37
4.49
V
Threshold Voltage)
Input Capacitance, /ST, TOL
CIN, (Note 6)
5
pF
Output Capacitance, /RST, RST
COUT, (Note 6)
7
pF
AC Electrical Characteristics
VCC = 4.5V to 5.5V; TA = Operating Temperature Range, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
/PBRST Min. Pulse Width, tPB
/PBRST = VIL (Note 7)
20
ms
/PBRST Delay, tPBD
1
4
20
ms
Reset Active Time, tRST
250
610
1000
ms
/ST Pulse Width, tST
20
ms
/ST Timeout Period, tTD
TD = 0V
62.5
150
250
ms
TD = Open
250
600
1000
ms
TD = VCC
500
1200
2000
ms
VCC Fall Time, tF
10
µs
VCC Rise Time, tR
0
ns
VCC Detect to /RST Low
VCC Falling (Note 8)
50
150
µs
and RST High, tRPD
VCC Detect to /RST Low
VCC Falling (Note 9)
250
610
1000
µs
and RST Low, tRPD
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. ICC is measured with outputs open and inputs within 0.5V of supply rails
Note 5. /PBRST has an internal pull-up resistor to VCC (typ. 40kΩ)
Note 6. Guaranteed by design
Note 7. /PBRST must be held low for a minimum of 20ms to guarantee a reset
Note 8. VCC falling at 1.66mV/µs
Note 9. /RST has an open drain output
Absolute Maximum Ratings (Note 1)
Terminal Voltage
VCC ..........................................................–0.3V to +6.0V
All other inputs...............................–0.3V to (VCC + 0.3V)
Input Current
VCC ...................................................................... 250mA
GND, all other inputs .............................................. 25mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature.................................. –65°C to 150°C
ESD Rating,
Note 3
Operating Ratings (Note 2)
Operating Temperature Range
MIC1232M/N ............................................ –40°C to 85°C


Similar Part No. - MIC1232M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1232M MICREL-MIC1232M Datasheet
162Kb / 8P
   關P Supervisory Circuit
More results

Similar Description - MIC1232M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
   關P Supervisory Circuit
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
   關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
   關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
   關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
   關P Supervisory Circuit
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
   關P SUPERVISORY CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com