Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3651MCDFC Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F3651MCDFC
Description  televisions, household appliances, office equipment, communication devices
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3651MCDFC Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F3651MCDFC Datasheet HTML 2Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 3Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 4Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 5Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 6Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 7Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 8Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 9Page - Renesas Technology Corp R5F3651MCDFC Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 6 of 109
Feb 07, 2011
M16C/65C Group
1. Overview
1.3
Product List
Table 1.5 and Table 1.6 list product information. Figure 1.1 shows the Part No., with Memory Size and
Package, and Figure 1.2 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Note:
1.
Previous package codes are as follows:
PLQP0128KB-A: 128P6Q-A, PRQP0100JD-B: 100P6F-A, PLQP0100KB-A: 100P6Q-A
(D): Under development
(P): Planning
Note:
1.
Previous package codes are as follows:
PLQP0128KB-A: 128P6Q-A, PRQP0100JD-B: 100P6F-A, PLQP0100KB-A: 100P6Q-A
Table 1.5
Product List (N-Version)
As of February, 2011
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36506CNFA
(D)
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F36506CNFB
(D)
PLQP0100KB-A
R5F3651ECNFC
(D)
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PLQP0128KB-A
R5F3650ECNFA
(D)
PRQP0100JD-B
R5F3650ECNFB
(D)
PLQP0100KB-A
R5F3651KCNFC
(D)
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A
R5F3650KCNFA
(D)
PRQP0100JD-B
R5F3650KCNFB
(D)
PLQP0100KB-A
R5F3651MCNFC
(D)
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A
R5F3650MCNFA
(D)
PRQP0100JD-B
R5F3650MCNFB
(D)
PLQP0100KB-A
R5F3651NCNFC
(D)
512 KB
16 KB
4 KB
× 2 blocks
47 KB
PLQP0128KB-A
R5F3650NCNFA
(D)
PRQP0100JD-B
R5F3650NCNFB
(D)
PLQP0100KB-A
Table 1.6
Product List (D-Version)
As of February, 2011
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36506CDFA
(D)
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B
Operating
temperature
-40°C to 85°C
R5F36506CDFB
(D)
PLQP0100KB-A
R5F3651ECDFC
(D)
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PLQP0128KB-A
R5F3650ECDFA
(D)
PRQP0100JD-B
R5F3650ECDFB
(D)
PLQP0100KB-A
R5F3651KCDFC
(D)
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A
R5F3650KCDFA
(D)
PRQP0100JD-B
R5F3650KCDFB
(D)
PLQP0100KB-A
R5F3651MCDFC
(D)
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A
R5F3650MCDFA
(D)
PRQP0100JD-B
R5F3650MCDFB
(D)
PLQP0100KB-A
R5F3651NCDFC
(D)
512 KB
16 KB
4 KB × 2
blocks
47 KB
PLQP0128KB-A
R5F3650NCDFA
(D)
PRQP0100JD-B
R5F3650NCDFB
(D)
PLQP0100KB-A


Similar Part No. - R5F3651MCDFC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651MCNFC RENESAS-R5F3651MCNFC Datasheet
943Kb / 112P
   RENESAS MCU
More results

Similar Description - R5F3651MCDFC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com