Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC921YC5 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC921YC5
Description  45MHz Low-Power SC-70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921YC5 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC921YC5 Datasheet HTML 3Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 4Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 5Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 6Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 7Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 8Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 9Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 10Page - Micrel Semiconductor MIC921YC5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
April 2006
11
MIC921
MIC921
Micrel, Inc.
Package Information
SOT-23-5 (M5)
SC-70 (C5)
MICREL INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2001 Micrel, Inc.


Similar Part No. - MIC921YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921BC5 MICREL-MIC921BC5 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921BM5 MICREL-MIC921BM5 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC921YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
MIC920 MICREL-MIC920_06 Datasheet
1Mb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
   230MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
   Low Power Dual OP AMP
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
   LOW POWER SINGLE OP AMP
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
   Low Power Quad OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com