Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2LA67ANFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F2LA67ANFP
Description  Household appliances, office equipment, audio equipment, consumer products
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2LA67ANFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F2LA67ANFP Datasheet HTML 2Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 3Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 4Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 5Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 6Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 7Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 8Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 9Page - Renesas Technology Corp R5F2LA67ANFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 6 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
Table 1.7
Specifications (2)
Item
Function
Specification
Timer
Timer RB0, Timer RB1
8 bits × 2 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode
(PWM output), programmable one-shot generation mode, programmable wait
one-shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function),
PWM mode (output: 3 pins), PWM2 mode (PWM output: 1 pin)
Timer RH
Real-time clock mode (counting of seconds, minutes, hours, day of the week,
date, month, year), output compare mode
Timer RJ0
Timer RJ1
Timer RJ2
R8C/LA3A
Group
Timer RJ0,
Timer RJ1
16 bits × 2
Timer mode (period timer), pulse output mode
(output level inverted every period), event
counter mode, pulse width measurement mode,
pulse period measurement mode
R8C/LA5A
Group
R8C/LA6A
Group
R8C/LA8A
Group
Timer RJ0,
Timer RJ1,
Timer RJ2
16 bits × 3
Serial
Interface
UART0
1 channel
Clock synchronous serial I/O/UART
UART2
1 channel
Clock synchronous serial I/O/UART, I2C mode (I2C-bus), multiprocessor
communication function
Synchronous Serial
Communication Unit (SSU)
1 (shared with I2C-bus)
I2C bus
1 (shared with SSU)
A/D Converter
R8C/LA3A
Group
10-bit resolution × 5 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
R8C/LA5A
Group
10-bit resolution × 7 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
R8C/LA6A
Group
10-bit resolution × 8 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
R8C/LA8A
Group
10-bit resolution × 12 channels, including sample and hold function, with sweep
mode, temperature sensor included (measurement temperature range:
−20 to 85 °C (N version)/ −40 to 85 °C (D version))
Comparator B
R8C/LA3A
Group
1 circuit (comparator B1)
R8C/LA5A
Group
2 circuits (comparator B1, comparator B3)
R8C/LA6A
Group
R8C/LA8A
Group


Similar Part No. - R5F2LA67ANFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357ADFP RENESAS-R5F2L357ADFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357ANFP RENESAS-R5F2L357ANFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BDFP RENESAS-R5F2L357BDFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BNFP RENESAS-R5F2L357BNFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357CDFP RENESAS-R5F2L357CDFP Datasheet
854Kb / 76P
   RENESAS MCU
More results

Similar Description - R5F2LA67ANFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com