Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC916 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC916
Description  Triple 135MHz Low-Power Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC916 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC916_05 Datasheet HTML 4Page - Micrel Semiconductor MIC916_05 Datasheet HTML 5Page - Micrel Semiconductor MIC916_05 Datasheet HTML 6Page - Micrel Semiconductor MIC916_05 Datasheet HTML 7Page - Micrel Semiconductor MIC916_05 Datasheet HTML 8Page - Micrel Semiconductor MIC916_05 Datasheet HTML 9Page - Micrel Semiconductor MIC916_05 Datasheet HTML 10Page - Micrel Semiconductor MIC916_05 Datasheet HTML 11Page - Micrel Semiconductor MIC916_05 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
April 2005
11
M9999-042205
MIC916
Micrel, Inc.
Applications Information
The MIC916 is a high-speed, voltage-feedback operational
amplifier featuring very low supply current and excellent
stability. This device is unity gain stable and capable of
driving high capacitance loads.
Driving High Capacitance
The MIC916 is stable when driving any capacitance (see
“Typical Characteristics: Gain Bandwidth and Phase Margin
vs. Load Capacitance”) making it ideal for driving long coaxial
cables or other high-capacitance loads.
Phase margin remains constant as load capacitance is
increased. Most high-speed op amps are only able to drive
limited capacitance.
Note: increasing load capacitance does reduce the
speed of the device (see “Typical Characteris-
tics: Gain Bandwidth and Phase Margin vs.
Load”). In applications where the load capaci-
tance reduces the speed of the op amp to an
unacceptable level, the effect of the load capaci-
tance can be reduced by adding a small resistor
(<100Ω) in series with the output.
Feedback Resistor Selection
Conventional op amp gain configurations and resistor selec-
tion apply, the MIC916 is NOT a current feedback device.
Resistor values in the range of 1k to 10k are recommended.
Layout Considerations
All high speed devices require careful PCB layout. The high
stability and high PSRR of the MIC916 make this op amp
easier to use than most, but the following guidelines should
be observed: Capacitance, particularly on the two inputs pins
will degrade performance; avoid large copper traces to the
inputs. Keep the output signal away from the inputs and use
a ground plane.
It is important to ensure adequate supply bypassing capaci-
tors are located close to the device.
Power Supply Bypassing
Regular supply bypassing techniques are recommended. A
10µF capacitor in parallel with a 0.1µF capacitor on both the
positive and negative supplies are ideal. For best perfor-
mance all bypassing capacitors should be located as close to
the op amp as possible and all capacitors should be low ESL
(equivalent series inductance), ESR (equivalent series resis-
tance). Surface-mount ceramic capacitors are ideal. All V–
pins must be externally shorted together.
Thermal Considerations
It is important to ensure the IC does not exceed the maximum
operating junction (die) temperature of 85°C. The part can be
operated up to the absolute maximum temperature rating of
125°C, but between 85°C and 125°C performance will de-
grade, in particular CMRR will reduce.
A MIC916 with no load, dissipates power equal to the quies-
cent supply current * supply voltage
PV
V
I
DV
V
S
(no load) =
()
+
When a load is added, the additional power is dissipated in
the output stage of the op amp. The power dissipated in the
device is a function of supply voltage, output voltage and
output current.
PV
V
I
DV
OUT
OUT
(output stage) =
()
+
Total Power Dissipation
P
P
DD
t
=+
(no load)
(outpu stage)
Ensure the total power dissipated in the device is no greater
than the thermal capacity of the package. The QSOP-16
package has a thermal resistance of 260°C/W.
Max Allowable Power Dissipation
TT
W
JA
.
=
(max)
(max)
TBD


Similar Part No. - MIC916_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC916BQS MICREL-MIC916BQS Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
More results

Similar Description - MIC916_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
   Dual 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
   Dual 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
logo
Analog Devices
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com