Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC916 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC916
Description  Triple 135MHz Low-Power Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC916 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC916_05 Datasheet HTML 2Page - Micrel Semiconductor MIC916_05 Datasheet HTML 3Page - Micrel Semiconductor MIC916_05 Datasheet HTML 4Page - Micrel Semiconductor MIC916_05 Datasheet HTML 5Page - Micrel Semiconductor MIC916_05 Datasheet HTML 6Page - Micrel Semiconductor MIC916_05 Datasheet HTML 7Page - Micrel Semiconductor MIC916_05 Datasheet HTML 8Page - Micrel Semiconductor MIC916_05 Datasheet HTML 9Page - Micrel Semiconductor MIC916_05 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC916
Micrel, Inc.
M9999-042205
6
April 2005
Electrical Characteristics
2.0
2.5
3.0
3.5
23
45
678
9
10
SUPPLY VOLTAGE (±V)
Supply Current
vs. Supply Voltage
+85°C
+25°C
-40°C
2.0
2.5
3.0
3.5
4.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
V
SUPPLY = ±9V
V
SUPPLY = ±5V
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Offset Voltage
vs. Temperature
V
SUPPLY = ±5V
V
SUPPLY = ±9V
1
2
3
4
5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Bias Current
vs. Temperature
V
SUPPLY = ±5V
V
SUPPLY = ±9V
0
1
2
3
4
5
6
-8
-6
-4
-2
0
2
4
6
8
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
+85°C
+25°C
-40°C
V
SUPPLY = ±9V
0
1
2
3
4
5
-5 -4 -3 -2 -1 0 1
2 3
4 5
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
+85°C
+25°C
-40°C
V
SUPPLY = ±5V
55
60
65
70
75
80
85
90
95
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Short-Circuit Current
vs. Temperature
V
SUPPLY = ±9V
V
SUPPLY = ±5V
SOURCING
CURRENT
-40
-35
-30
-25
-20
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Short-Circuit Current
vs. Temperature
V
SUPPLY = ±9V
V
SUPPLY = ±5V
SINKING
CURRENT
20
40
60
80
100
23
45
678
9
10
SUPPLY VOLTAGE (±V)
Short-Circuit Current
vs. Supply Voltage
+85°C
+25°C
-40°C
SOURCING
CURRENT
-40
-35
-30
-25
-20
-15
23
45
678
9
10
SUPPLY VOLTAGE (±V)
Short-Circuit Current
vs. Supply Voltage
+85°C
+25°C
-40°C
SINKING
CURRENT
0
1
2
3
4
5
6
7
8
9
10
020
406080
100
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
+85°C
+25°C
-40°C
SOURCING
CURRENT
V
SUPPLY = ±9V
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
+85°C
+25°C
-40°C
SINKING
CURRENT
V
SUPPLY = ±9V


Similar Part No. - MIC916_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC916BQS MICREL-MIC916BQS Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
More results

Similar Description - MIC916_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
   Dual 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
   Dual 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
logo
Analog Devices
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com