Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC803-46D2VM3 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC803-46D2VM3
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803-46D2VM3 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC803-46D2VM3 Datasheet HTML 1Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 2Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 3Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 4Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 5Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 6Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 7Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 8Page - Micrel Semiconductor MIC803-46D2VM3 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC803
December 2010
4
M9999-122310-A
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)....................................... -0.3V to 6.0V
Reset Output (/RESET)................................... -0.3V to 6.0V
Input Current (VCC) ......................................................20mA
Output Current (/RESET) ............................................20mA
Rate of Rise (VCC) ...................................................100V/us
Junction Temperature (TJ)…………………………....+150˚C
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (TS)..........................-65°C to +150°C
ESD Rating
(3).................................................................. 3kV
Operating Ratings
(2)
Supply Voltage (VCC)........................................ 1.0V to 5.5V
Reset Output Voltage (/RESET) ...................... 0.0V to 5.5V
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
3-Pin SC70 (
θJA) ..............................................260°C/W
3-Pin SOT23 (
θJA)............................................203°C/W
Electrical Characteristics
(4)
For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C, Bold
values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Input
TJ = -40˚C to +85˚C
1.0
5.5
Operating Voltage Range (VCC)
TJ = -40˚C to +125˚C
1.2
5.5
V
VCC = 5.5V, no Load
5.5
15
TJ = -40˚C to +85˚C
VCC = 3.6V, no Load
4.5
10
VCC = 5.5V, no Load
18
Supply Current (ICC)
TJ = +85˚C to +125˚C
VCC = 3.6V, no Load
13
µA
Voltage Threshold
TJ = -40˚C to +85˚C
4.50
4.63
4.75
MIC803-46
TJ = -40˚C to +125˚C
4.44
4.82
TJ = -40˚C to +85˚C
4.25
4.38
4.50
MIC803-44
TJ = -40˚C to +125˚C
4.20
4.56
TJ = -40˚C to +85˚C
4.00
4.10
4.20
MIC803-41
TJ = -40˚C to +125˚C
3.97
4.24
TJ = -40˚C to +85˚C
3.89
4.00
4.10
MIC803-40
TJ = -40˚C to +125˚C
3.80
4.20
TJ = -40˚C to +85˚C
3.00
3.08
3.15
MIC803-31
TJ = -40˚C to +125˚C
2.95
3.21
TJ = -40˚C to +85˚C
2.93
3.00
3.08
MIC803-30
TJ = -40˚C to +125˚C
2.90
3.11
TJ = -40˚C to +85˚C
2.82
2.93
3.00
MIC803-29
TJ = -40˚C to +125˚C
2.81
3.05
TJ = -40˚C to +85˚C
2.55
2.63
2.70
Reset Threshold (VTH)
MIC803-26
TJ = -40˚C to +125˚C
2.50
2.76
V


Similar Part No. - MIC803-46D2VM3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803-46D2VM3 MICREL-MIC803-46D2VM3 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results

Similar Description - MIC803-46D2VM3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com