Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2211BTN1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2211BTN1
Description  Half-bridge power IC family for CFL lamps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2211BTN1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2211BTN1 Datasheet HTML 7Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 8Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 9Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 10Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 11Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 12Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 13Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 14Page - NXP Semiconductors UBA2211BTN1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UBA2211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 3 January 2011
11 of 19
NXP Semiconductors
UBA2211
Half-bridge power IC family for CFL lamps
9.
Thermal characteristics
[1]
In accordance with IEC 60747-1
10. Characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
[1] 95
K/W
Rth(j-c)
thermal resistance from junction to case
in free air
[1] 16
K/W
Table 5.
Characteristics
Tj = 25 °C; all voltages are measured with respect to SGND; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage supply
VHV
voltage on pin HV
t < 10 minutes; IHV <30 μA
0
-
550
V
VFS
voltage on pin FS
t < 10 minutes; IHV <30 μA
0
-
564
V
Low-voltage supply
Start-up state
IHV
current on pin HV
VHV = 100 V
-
0.85
-
mA
VDD(start)
start supply voltage
oscillation start
10.7
11.7
12.7
V
VDD(stop)
stop supply voltage
oscillation stop
8
8.5
9
V
VDD(hys)
hysteresis of supply voltage
start
− stop
3
3.5
4
V
VDD(reg)
regulation supply voltage
-
13.8
-
V
Isink
sink current
capability of VDD regulator
6
-
-
mA
Output stage
Ron
on-state resistance
high-side transistor:
[1]
UBA2211AX; VHV = 310 V; ID = 100 mA
-
13.5
-
Ω
UBA2211BX; VHV = 310 V; ID =100 mA
-
9.3
-
Ω
UBA2211CX; VHV = 310 V; ID = 100 mA
-
6.6
-
Ω
low-side transistor:
[1]
UBA2211AX; ID = 100 mA
-
13.5
-
Ω
UBA2211BX; ID =100 mA
-
8.2
-
Ω
UBA2211CX; ID = 100 mA
-
6.6
-
Ω
Ron(150)/
Ron(25)
on-state resistance ratio
(150
°C to 25 °C)
-1.7
-
VF
forward voltage
HS; IF = 200 mA
-
-
2.0
V
LS; IF = 200 mA
-
-
2.0
V
bootstrap diode; IF = 1 mA
0.7
1.0
1.3
V
tno
non-overlap time
1.05
1.35
1.65
μs
VFS
voltage on pin FS
lockout voltage
3.6
4.2
4.8
V
IFS
current on pin FS
VHV =310 V; VFS = 12 V
10
14
18
μA


Similar Part No. - UBA2211BTN1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211BT PHILIPS-UBA2211BT Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
More results

Similar Description - UBA2211BTN1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com